Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1513 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FAC1513
Description  2A 380KHz 20V PWM Buck DC/DC Converte
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1513 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FAC1513 Datasheet HTML 1Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 2Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 3Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 4Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Pin Configurations
Figure 2 Pin Con�iguration of FAC1513 (Top View)
Pin Description
Pin Number
Pin Name
Description
3
NC
Not Connect.
4
Vin
Supply Voltage Input Pin.FAC1513 operates from a 1.0V to 20V DC voltage.
Bypass Vin to GND with a suitably large capacitor to eliminate noise on the input.
5,6
SW
Power Switch Output Pin. SW is the switch node that supplies power to the
output.
7,8
GND
Ground Pin. Care must be taken in layout. This pin should be placed outside of
the Schottky Diode to output capacitor ground path to prevent switching current
spikes from inducing voltage noise into FAC1513.
1
FB
Feedback Pin. Through an external resistor divider network, FB senses the
output voltage and regulates it. The feedback threshold voltage is 0.8V.
2
EN
Enable Pin. EN is a digital input that turns the regulator on or off .Drive EN pin
high to turn on the regulator, drive it low to turn it off.
FAC1513
2011.06. 17
2/15
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com