Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 93 page
background image
Solomon Systech
Jan 2010
P 20/93
Rev 1.1
SSD1963
Figure 7-3: State Diagram of SSD1963
7.5
LCD Controller
7.5.1
Display Format
The LCD controller reads the frame buffer and generates display signals according to the selected display
panel format. SSD1963 supports common RAM-less TFT driver using generic RGB data format.
7.5.2
General Purpose Input/Output (GPIO)
The GPIO pins can operate in 2 modes, GPIO mode and miscellaneous display signal mode. When the pins are
configured as GPIOs, these pins can be controlled directly by MCU. Therefore, user can use these pins to emulate other
interface such as SPI or I2C. If these pins are configured as display signals, they will toggle with display periodically
according to the signal settings. They can be set to toggle once a frame, once a line or in arbitrary period. Therefore
they can be configured as some common signal needed for different panels such as STH or LP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com