Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9 Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 50Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 51Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 93 page
background image
Solomon Systech
Jan 2010
P 48/93
Rev 1.1
SSD1963
LPS[10:8] :
Set the horizontal sync pulse (LLINE) start location in pixel clock. (POR = 000)
LPS[7:0] :
Set the horizontal sync pulse width (LLINE) in start. (POR = 00000000)
Horizontal Display Period Start Position = LPS pixels
LPSPP[1:0] : Set the horizontal sync pulse subpixel start position for serial TFT interface (POR = 00)
Timing refer to Figure 13-5.
9.36 get_hori_period
Command
0xB5
Parameters
8
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
0
1
1
0
1
0
1
B5
Parameter 1
1
0
0
0
0
0
HT10
HT9
HT8
xx
Parameter 2
1
HT7
HT6
HT5
HT4
HT3
HT2
HT1
HT0
xx
Parameter 3
1
0
0
0
0
0
HPS10
HPS9
HPS8
xx
Parameter 4
1
HPS7
HPS6
HPS5
HPS4
HPS3
HPS2
HPS1
HPS0
xx
Parameter 5
1
0
HPW6
HPW5
HPW4
HPW3
HPW2
HPW1
HPW0
xx
Parameter 6
1
0
0
0
0
0
LPS10
LPS9
LPS8
xx
Parameter 7
1
LPS7
LPS6
LPS5
LPS4
LPS3
LPS2
LPS1
LPS0
xx
Parameter 8
1
0
0
0
0
0
0
LPSPP1
LPSPP0
xx
Description
Get current front porch and back porch settings
HT[10:8] :
High byte of the horizontal total period (display + non-display) in pixel clock (POR = 010)
HT[7:0] :
Low byte of the horizontal total period (display + non-display) in pixel clock (POR = 10101111)
HPS[10:8] :
High byte of the non-display period between the start of the horizontal sync (LLINE) signal and the first
display data. (POR = 000)
HPS[7:0] :
Low byte of the non-display period between the start of the horizontal sync (LLINE) signal and the first
display data. (POR = 00100000)
HPW[6:0] :
The horizontal sync pulse width (LLINE) in pixel clock. (POR = 0000111)
LPS[10:8] :
High byte of the horizontal sync pulse (LLINE) start location in pixel clock. (POR = 000)
LPS[7:0] :
Low byte of the horizontal sync pulse width (LLINE) in start. (POR = 00000000)
LPSPP[1:0] : The horizontal sync pulse subpixel start position (POR = 00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com