Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
SSD1963
Rev 1.1
P 21/93
Jan 2010
Solomon Systech
8
COMMAND TABLE
Hex Code
Command
Description
0x00
nop
No operation
0x01
soft_reset
Software Reset
0x0A
get_power_mode
Get the current power mode
0x0B
get_address_mode
Get the frame buffer to the display panel read order
0x0C
Reserved
Reserved
0x0D
get_display_mode
The SSD1963 returns the Display Image Mode.
0x0E
get_tear_effect_status
Get the Tear Effect status
0x0F
Reserved
Reserved
0x10
enter_sleep_mode
Turn off the panel. This command will pull low the GPIO0.
If GPIO0 is configured as normal GPIO or LCD
miscellaneous signal with command set_gpio_conf, this
command will be ignored.
0x11
exit_sleep_mode
Turn on the panel. This command will pull high the GPIO0.
If GPIO0 is configured as normal GPIO or LCD
miscellaneous signal with command set_gpio_conf, this
command will be ignored.
0x12
enter_partial_mode
Part of the display area is used for image display.
0x13
enter_normal_mode
The whole display area is used for image display.
0x20
exit_invert_mode
Displayed image colors are not inverted.
0x21
enter_invert_mode
Displayed image colors are inverted.
0x26
set_gamma_curve
Selects the gamma curve used by the display panel.
0x28
set_display_off
Blanks the display panel
0x29
set_display_on
Show the image on the display panel
0x2A
set_column_address
Set the column address
0x2B
set_page_address
Set the page address
0x2C
write_memory_start
Transfer image information from the host processor interface
to the SSD1963 starting at the location provided by
set_column_address and set_page_address
0x2E
read_memory_start
Transfer image data from the SSD1963 to the host processor
interface starting at the location provided by
set_column_address and set_page_address
0x30
set_partial_area
Defines the partial display area on the display panel
0x33
set_scroll_area
Defines the vertical scrolling and fixed area on display area
0x34
set_tear_off
Synchronization information is not sent from the SSD1963 to
the host processor
0x35
set_tear_on
Synchronization information is sent from the SSD1963 to the
host processor at the start of VFP
0x36
set_address_mode
Set the read order from frame buffer to the display panel
0x37
set_scroll_start
Defines the vertical scrolling starting point
0x38
exit_idle_mode
Full color depth is used for the display panel
0x39
enter_idle_mode
Reduce color depth is used on the display panel.
0x3A
Reserved
Reserved
0x3C
write_memory_continue
Transfer image information from the host processor interface
to the SSD1963 from the last written location
0x3E
read_memory_continue
Read image data from the SSD1963 continuing after the last
read_memory_continue or read_memory_start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com