Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
SSD1963
Rev 1.1
P 39/93
Jan 2010
Solomon Systech
A[0] : Flip Vertical (POR = 0)
This bit flips the image shown on the display panel top to bottom. No change is made to the frame buffer.
0
Normal
1
Flipped
Figure 9-16: A[0] Flip Vertical
A[0]=0,
A[4]=A[2]=A[1]=0
A[0]=1,
A[4]=A[2]=A[1]=0
Frame Buffer
Display Panel
Frame Buffer
Display Panel
1
1
1
n
n
n
n
1
1
m
1
m
1
m
1
m
9.25 set_scroll_start
Command
0x37
Parameters
2
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
1
0
1
1
1
37
Parameter 1
1
VSP15
VSP14
VSP13
VSP12
VSP11
VSP10
VSP9
VSP8
xx
Parameter 2
1
VSP7
VSP6
VSP5
VSP4
VSP3
VSP2
VSP1
VSP0
xx
Description
This command sets the start of the vertical scrolling area in the frame buffer. The vertical scrolling area is fully defined
when this command is used with the set_scroll_area (0x33).
VSP[15:8] : High byte of the line number in frame buffer that is written to the display as the first line of the vertical
scrolling area (POR = 00000000)
VSP[7:0] : Low byte of the line number in frame buffer that is written to the display as the first line of the vertical
scrolling area (POR = 00000000)
If set_address_mode (0x36) A[4] = 0:
Example:
When Top Fixed Area = Bottom Fixed Area = 0, Vertical Scrolling Area = YY and VSP = 3.
Figure 9-17: Set Scroll Start with set_address_mode (0x36) A[4] = 0
Frame Buffer
Display Panel
(0,0)
VSP[15:0]
VSP[15:0]
(0,YY-1)
(0,0)
(0,YY-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com