Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9 Datasheet HTML 75Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 76Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 77Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 78Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 79Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 80Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 81Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 82Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 93 page
background image
SSD1963
Rev 1.1
P 79/93
Jan 2010
Solomon Systech
10 MAXIMUM RATINGS
Table 10-1: Maximum Ratings (Voltage Referenced to VSS)
Symbol
Parameter
Value
Unit
VDDD
Digital Core power supply
-0.5 to 1.8
V
VDDPLL
PLL power supply
-0.5 to 1.8
V
VDDLCD
LCD Interface power supply
-0.5 to 4.6
V
VDDIO
I/O power supply
-0.5 to 4.6
V
VIN
Input Voltage
-0.5 to 4.6
V
VOUT
Output Voltage
-0.5 to 4.6
V
TSOL
Solder Temperature / Time
225 for 40 sec max at solder ball
oC
TSTG
Storage temperature
-45 to 125
oC
TA
Operating temperature
-30 to 85
oC
Maximum ratings are those values beyond which damages to the device may occur. Functional operation should be restricted to the
limits in the Electrical Characteristics tables or Pin Description section
This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised
that normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance
circuit. For proper operation it is recommended that VIN and VOUT be constrained to the range VSS < (VIN or VOUT) < VDDIO. Reliability
of operation is enhanced if unused input is connected to an appropriate logic voltage level (e.g., either VSS or VDDIO). Unused outputs
must be left open. This device may be light sensitive. Caution should be taken to avoid exposure of this device to any light source
during normal operation. This device is not radiation protected.
11 RECOMMENDED OPERATING CONDITIONS
Table 11-1: Recommended Operating Condition
Symbol
Parameter
Min
Typ
Max
Unit
VDDD
Digital Core power supply
1.10
1.2
1.30
V
VDDPLL
PLL power supply
1.10
1.2
1.30
V
VDDLCD
LCD Interface power supply
1.65
3.3
3.6
V
VDDIO
I/O power supply
1.65
3.3
3.6
V
11.1 Power-up sequence
Figure 11-1: Power-up Sequence
Note
Clock reference is only applicable when CLK is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com