Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFEC Datasheet(PDF) 39 Page - Lattice Semiconductor

Part # LFEC
Description  LatticeECP/EC Family Data Sheet
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC Datasheet(HTML) 39 Page - Lattice Semiconductor

Back Button LFEC Datasheet HTML 35Page - Lattice Semiconductor LFEC Datasheet HTML 36Page - Lattice Semiconductor LFEC Datasheet HTML 37Page - Lattice Semiconductor LFEC Datasheet HTML 38Page - Lattice Semiconductor LFEC Datasheet HTML 39Page - Lattice Semiconductor LFEC Datasheet HTML 40Page - Lattice Semiconductor LFEC Datasheet HTML 41Page - Lattice Semiconductor LFEC Datasheet HTML 42Page - Lattice Semiconductor LFEC Datasheet HTML 43Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
3-3
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Supply Current (Standby)
1, 2, 3, 4
Over Recommended Operating Conditions
1. For further information on supply current, please see details of additional technical documentation at the end of this data sheet.
2. Assumes all outputs are tristated, all inputs are configured as LVCMOS and held at the VCCIO or GND.
3. Frequency 0MHz.
4. Pattern represents typical design with 65% logic, 55% EBR, 10% routing utilization.
5. TJ=25
oC, power supplies at nominal voltage.
6. Per bank.
Symbol
Parameter
Devices
Typ.
5
Max.
Units
ICC
Core Power Supply Current
LFEC1
mA
LFEC3
mA
LFECP6/LFEC6
mA
LFECP10/LFEC10
mA
LFECP15/LFEC15
mA
LFECP20/LFEC20
100
mA
LFECP33/LFEC33
mA
LFECP40/LFEC40
mA
ICCAUX
Auxiliary Power Supply Current
LFEC1
mA
LFEC3
mA
LFECP6/LFEC6
mA
LFECP10/LFEC10
mA
LFECP15/LFEC15
mA
LFECP20/LFEC20
15
mA
LFECP33/LFEC33
mA
LFECP40/LFEC40
mA
ICCPLL
PLL Power Supply Current
(per PLL)
LFEC1, LFEC3, LFEC6, LFECP6, LFECP10,
LFECP15, LFECP20, LFECP33, LFECP40,
LFEC10, LFEC15, LFEC20, LFEC33, LFEC40,
8mA
ICCIO
Bank Power Supply Current
6
2mA
ICCJ
VCCJ Power Supply Current
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com