Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFEC Datasheet(PDF) 49 Page - Lattice Semiconductor

Part # LFEC
Description  LatticeECP/EC Family Data Sheet
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC Datasheet(HTML) 49 Page - Lattice Semiconductor

Back Button LFEC Datasheet HTML 45Page - Lattice Semiconductor LFEC Datasheet HTML 46Page - Lattice Semiconductor LFEC Datasheet HTML 47Page - Lattice Semiconductor LFEC Datasheet HTML 48Page - Lattice Semiconductor LFEC Datasheet HTML 49Page - Lattice Semiconductor LFEC Datasheet HTML 50Page - Lattice Semiconductor LFEC Datasheet HTML 51Page - Lattice Semiconductor LFEC Datasheet HTML 52Page - Lattice Semiconductor LFEC Datasheet HTML 53Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 117 page
background image
3-13
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Derating Timing Tables
Logic Timing provided in the following sections of the data sheet and the ispLEVER design tools are worst-case
numbers in the operating range. Actual delays at nominal temperature and voltage for best-case process, can be
much better than the values given in the tables. To calculate logic timing numbers at a particular temperature and
voltage multiply the noted numbers with the derating factors provided below.
The junction temperature for the FPGA depends on the power dissipation by the device, the package thermal char-
acteristics (ΘJA), and the ambient temperature, as calculated with the following equation:
TJMAX = TAMAX + (Power * ΘJA)
The user must determine this temperature and then use it to determine the derating factor based on the following
derating tables: TJ °C.
Table 3-4. Delay Derating Table for Internal Blocks
TJ °C
Commercial
TJ °C
Industrial
Power Supply Voltage
1.14V
1.2V
1.26V
—
-40
0.82
0.77
0.71
—
-25
0.82
0.76
0.71
020
0.89
0.83
0.78
25
45
0.93
0.87
0.81
85
105
1.00
0.94
0.89
100
115
1.00
0.95
0.90
110
—
1.00
0.95
0.90
125
—
1.02
0.96
0.91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com