Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFEC Datasheet(PDF) 59 Page - Lattice Semiconductor

Part # LFEC
Description  LatticeECP/EC Family Data Sheet
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC Datasheet(HTML) 59 Page - Lattice Semiconductor

Back Button LFEC Datasheet HTML 55Page - Lattice Semiconductor LFEC Datasheet HTML 56Page - Lattice Semiconductor LFEC Datasheet HTML 57Page - Lattice Semiconductor LFEC Datasheet HTML 58Page - Lattice Semiconductor LFEC Datasheet HTML 59Page - Lattice Semiconductor LFEC Datasheet HTML 60Page - Lattice Semiconductor LFEC Datasheet HTML 61Page - Lattice Semiconductor LFEC Datasheet HTML 62Page - Lattice Semiconductor LFEC Datasheet HTML 63Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 117 page
background image
3-23
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
LatticeECP/EC sysCONFIG Port Timing Specifications
Over Recommended Operating Conditions
Parameter
Description
Min
Max
Units
sysCONFIG Byte Data Flow
tSUCBDI
Byte D[0:7] Setup Time to CCLK
7
—
ns
tHCBDI
Byte D[0:7] Hold Time to CCLK
1
—
ns
tCODO
Clock to Dout in Flowthrough Mode
—
TBD
ns
tSUCS
CS[0:1] Setup Time to CCLK
7
—
ns
tHCS
CS[0:1] Hold Time to CCLK
1
—
ns
tSUWD
Write Signal Setup Time to CCLK
7
—
ns
tHWD
Write Signal Hold Time to CCLK
1
—
ns
tDCB
CCLK to BUSY Delay Time
—
12
ns
tCORD
Clock to out for read Data
—
12
ns
sysCONFIG Byte Slave Clocking
tBSCH
Byte Slave Clock Minimum High Pulse
6
—
ns
tBSCL
Byte Slave Clock Minimum Low Pulse
6
—
ns
tBSCYC
Byte Slave Clock Cycle Time
15
—
ns
sysCONFIG Serial (Bit) Data Flow
tSUSCDI
Din Setup Time to CCLK Slave Mode
7
—
ns
tHSCDI
Din Hold Time to CCLK Slave Mode
1
—
ns
tCODO
Clock to Dout in Flowthrough Mode
—
12
ns
tSUMCDI
Din Setup Time to CCLK Master Mode
7
—
ns
tHMCDI
Din Hold Time to CCLK Master Mode
1
—
ns
sysCONFIG Serial Slave Clocking
tSSCH
Serial Slave Clock Minimum High Pulse
6
—
ns
tSSCL
Serial Slave Clock Minimum Low Pulse
6
—
ns
sysCONFIG POR, Initialization and Wake Up
tICFG
Minimum Vcc to INIT High
—
50
ms
tVMC
Time from tICFG to valid Master Clock
—
2
us
tPRGMRJ
PROGRAMB Pin Pulse Rejection
—
10
ns
tPRGM
PROGRAMB Low Time to Start Configuration
25
—
ns
tDINIT
PROGRAMB High to INIT High Delay
—
1
ms
tDPPINIT
Delay Time from PROGRAMB Low to INIT Low
—
37
ns
tDPPDONE
Delay Time from PROGRAMB Low to DONE Low
—
37
ns
tIODISS
User I/O Disable from PROGRAMB Low
—
25
ns
tIOENSS
User I/O Enabled Time from CCLK Edge During Wake-up Sequence
—
25
ns
tMWC
Additional Wake Master Clock Signals after Done Pin High
120
—
cycles
sysCONFIG SPI Port
tCFGX
Init High to CCLK Low
—
1
µs
tCSSPI
Init High to CSSPIN Low
—
2
us
tCSCCLK
CCLK Low before CSSPIN Low
0
-
ns
tSOCDO
CCLK Low to Output Valid
—
15
ns
tSOE
CSSPIN Active Setup Time
300
—
ns
tCSPID
CSSPIN Low to First Clock Edge Setup Time
300+3cyc
600+6cyc
ns
fMAXSPI
Max Frequency for SPI
—
20
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com