Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFEC Datasheet(PDF) 29 Page - Lattice Semiconductor

Part # LFEC
Description  LatticeECP/EC Family Data Sheet
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC Datasheet(HTML) 29 Page - Lattice Semiconductor

Back Button LFEC Datasheet HTML 25Page - Lattice Semiconductor LFEC Datasheet HTML 26Page - Lattice Semiconductor LFEC Datasheet HTML 27Page - Lattice Semiconductor LFEC Datasheet HTML 28Page - Lattice Semiconductor LFEC Datasheet HTML 29Page - Lattice Semiconductor LFEC Datasheet HTML 30Page - Lattice Semiconductor LFEC Datasheet HTML 31Page - Lattice Semiconductor LFEC Datasheet HTML 32Page - Lattice Semiconductor LFEC Datasheet HTML 33Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 117 page
background image
2-26
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Figure 2-30. Tristate Register Block
Control Logic Block
The control logic block allows the selection and modification of control signals for use in the PIO block. A clock is
selected from one of the clock signals provided from the general purpose routing and a DQS signal provided from
the programmable DQS pin. The clock can optionally be inverted.
The clock enable and local reset signals are selected from the routing and optionally inverted. The global tristate
signal is passed through this block.
DDR Memory Support
Implementing high performance DDR memory interfaces requires dedicated DDR register structures in the input
(for read operations) and in the output (for write operations). As indicated in the PIO Logic section, the EC devices
provide this capability. In addition to these registers, the EC devices contain two elements to simplify the design of
input structures for read operations: the DQS delay block and polarity control logic.
DLL Calibrated DQS Delay Block
Source Synchronous interfaces generally require the input clock to be adjusted in order to correctly capture data at
the input register. For most interfaces a PLL is used for this adjustment, however in DDR memories the clock
(referred to as DQS) is not free running so this approach cannot be used. The DQS Delay block provides the
required clock alignment for DDR memory interfaces.
The DQS signal (selected PIOs only) feeds from the PAD through a DQS delay element to a dedicated DQS rout-
ing resource. The DQS signal also feeds polarity control logic which controls the polarity of the clock to the sync
registers in the input register blocks. Figures 2-31 and 2-32 show how the DQS transition signals are routed to the
PIOs.
The temperature, voltage and process variations of the DQS delay block are compensated by a set of calibration
(6-bit bus) signals from two DLLs on opposite sides of the device. Each DLL compensates DQS Delays in its half of
the device as shown in Figure 2-32. The DLL loop is compensated for temperature, voltage and process variations
by the system clock and feedback loop.
D
LE*
Q
D
Q
D-Type
ONEG1
CLK1
Programmed
Control
TO
Latch
*Latch is transparent when input is low.
OPOS1
OUTDDN
/LATCH
0
1
0
1
From
Routing
To sysIO
Buffer
TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com