Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFEC Datasheet(PDF) 21 Page - Lattice Semiconductor

Part # LFEC
Description  LatticeECP/EC Family Data Sheet
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC Datasheet(HTML) 21 Page - Lattice Semiconductor

Back Button LFEC Datasheet HTML 17Page - Lattice Semiconductor LFEC Datasheet HTML 18Page - Lattice Semiconductor LFEC Datasheet HTML 19Page - Lattice Semiconductor LFEC Datasheet HTML 20Page - Lattice Semiconductor LFEC Datasheet HTML 21Page - Lattice Semiconductor LFEC Datasheet HTML 22Page - Lattice Semiconductor LFEC Datasheet HTML 23Page - Lattice Semiconductor LFEC Datasheet HTML 24Page - Lattice Semiconductor LFEC Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 117 page
background image
2-18
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Figure 2-21. MULTADDSUM
Clock, Clock Enable and Reset Resources
Global Clock, Clock Enable and Reset signals from routing are available to every DSP block. Four Clock, Reset
and Clock Enable signals are selected for the sysDSP block. From four clock sources (CLK0, CLK1, CLK2, CLK3)
one clock is selected for each input register, pipeline register and output register. Similarly Clock enable (CE) and
Reset (RST) are selected from their four respective sources (CE0, CE1, CE2, CE3 and RST0, RST1, RST2, RST3)
at each input register, pipeline register and output register.
Signed and Unsigned with Different Widths
The DSP block supports different widths of signed and unsigned multipliers besides x9, x18 and x36 widths. For
unsigned operands, unused upper data bits should be filled to create a valid x9, x18 or x36 operand. For signed
two’s complement operands, sign extension of the most significant bit should be performed until x9, x18 or x36
width is reached. Table 2-8 provides an example of this.
Multiplier
Add/Sub0
x
n
m
m+n
(default)
m+n
(default)
m+n+1
m+n+2
m+n+2
m+n+1
m+n
(default)
m+n
(default)
m
n
m
n
m
n
n
m
x
n
n
m
n
n
m
Multiplier
Multiplier
Multiplier
Add/Sub1
x
n
m
m
n
m
n
m
n
n
m
x
n
m
m
n
m
n
n
m
SUM
Multiplier B0
Multiplicand A0
Multiplier B1
Multiplicand A1
Multiplier B2
Multiplicand A2
Multiplier B3
Multiplicand A3
Signed
Shift Register B In
Output
Addn0
Pipeline
Register
CLK (CLK0,CLK1,CLK2,CLK3)
CE (CE0,CE1,CE2,CE3)
RST(RST0,RST1,RST2,RST3)
Input
Register
Pipeline
Register
Input
Register
To Add/Sub0
To Add/Sub0, Add/Sub1
Pipeline
Register
Pipeline
Register
Input
Register
To Add/Sub1
Addn1
Pipeline
Register
Pipeline
Register
Pipeline
Register
Shift Register A In
Shift Register B Out
Shift Register A Out
Input Data
Register A
Input Data
Register A
Input Data
Register A
Input Data
Register A
Input Data
Register B
Input Data
Register B
Input Data
Register B
Input Data
Register B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com