Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT310 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT310
Description  10 Channel Automotive LED Display Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT310 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT310 Datasheet HTML 1Page - Catalyst Semiconductor CAT310 Datasheet HTML 2Page - Catalyst Semiconductor CAT310 Datasheet HTML 3Page - Catalyst Semiconductor CAT310 Datasheet HTML 4Page - Catalyst Semiconductor CAT310 Datasheet HTML 5Page - Catalyst Semiconductor CAT310 Datasheet HTML 6Page - Catalyst Semiconductor CAT310 Datasheet HTML 7Page - Catalyst Semiconductor CAT310 Datasheet HTML 8Page - Catalyst Semiconductor CAT310 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT310
© 2005 Catalyst Semiconductor, Inc.
3
Doc No. 25087, Rev. 00
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS
Switching Characteristics VCC = 5.0V, -40ºC ≤ TA ≤ 125 ºC, over recommended operating conditions unless
specified otherwise.
Symbol
Name
Conditions
Min
Typ
Max
Units
SCLK
fSCLK
SCLK Clock Frequency
10
MHz
twh/wl
SCLK Pulse width
High or Low
30
ns
SIN
tsu
Setup time SIN to SCLK
10
ns
th
Hold time SIN to SCLK
10
ns
XLAT
tw
XLAT Pulse width
SIN to SCLK
20
ns
th
Hold time
SCLK to XLAT
20
ns
tr
SOUT rise time (10% to 90%)
CL = 15pF
20
ns
tf
SOUT fall time (90% to 10%)
CL = 15pF
15
ns
tpd
Propagation delay time
Blank ↑ to OUT(n)
25
ns
tpd
Propagation delay time
Blank ↓ to OUT(n)
25
ns
tpd
Propagation delay time
SCLK to SOUT
25
ns
All logic inputs contain Schmitt trigger inputs.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com