Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT310 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT310
Description  10 Channel Automotive LED Display Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT310 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT310 Datasheet HTML 1Page - Catalyst Semiconductor CAT310 Datasheet HTML 2Page - Catalyst Semiconductor CAT310 Datasheet HTML 3Page - Catalyst Semiconductor CAT310 Datasheet HTML 4Page - Catalyst Semiconductor CAT310 Datasheet HTML 5Page - Catalyst Semiconductor CAT310 Datasheet HTML 6Page - Catalyst Semiconductor CAT310 Datasheet HTML 7Page - Catalyst Semiconductor CAT310 Datasheet HTML 8Page - Catalyst Semiconductor CAT310 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CAT310
© 2005 Catalyst Semiconductor, Inc.
1
Doc No. 25087, Rev. 00
Characteristics subject to change without notice
10 Channel Automotive LED Display Driver
FEATURES
• Automotive “load dump” protection (40V)
• 10 independent LED channels
• Up to 50mA output per channel
• Overvoltage detection at 19V
• Serial interface for channel programming
• Daisy chain output for multi-driver cascading
• LED blanking control
• Operating temperature from -40ºC to +125ºC
• 20-pin SOIC package
APPLICATIONS
• Automotive lighting
• White and other color high brightness LEDs
• Multi-color high-brightness LED cluster displays
• General LED lighting
ORDERING INFORMATION
Part
Number
Package
Quantity
per Reel
Package
Marking
CAT310J
SOIC-20
1000
CAT310J
CAT310W
SOIC-20
Lead free
1000
CAT310W
PRODUCT DESCRIPTION
The CAT310 is a 10-channel LED driver for
automotive and other lighting applications. All
LED output channels are driven from a low on-
resistance open-drain High Voltage CMOS
Nch-FETs and are fully compliant with “Load
Dump” transients of up to 40 volts. The LED
bias current of each channel can be set
independently using an external series ballast
resistor, making the device ideal for multi-color
instrumentation displays.
A high-speed serial interface (suitable with both
3.3 volt and 5 volt systems) feeding a 10 bit
shift register is used to program the desired
state (on/off) of each channel. The device offers
a blanking control pin (BLANK) which can be
used to disable all channels on demand. A
serial output data pin (SOUT) is provided to
daisy-chain devices in large cluster LED
applications
During initial power up all channels are reset
and cleared via an under-voltage lock out
(UVLO) detector and for added protection all
channels are disabled in the event of a battery
over-voltage condition (19 volts or more).
TYPICAL APPLICATION CIRCUIT
PIN DIAGRAM
SOIC 20-pin package


Similar Part No. - CAT310

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT310 CATALYST-CAT310 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT310 CATALYST-CAT310 Datasheet
510Kb / 11P
10 Channel Automotive LED Display Driver
logo
ON Semiconductor
CAT310 ONSEMI-CAT310 Datasheet
151Kb / 10P
10 Channel Automotive LED Display Driver
November, 2009 ??Rev. 2
logo
Catalyst Semiconductor
CAT310W CATALYST-CAT310W Datasheet
510Kb / 11P
10 Channel Automotive LED Display Driver
logo
ON Semiconductor
CAT310W ONSEMI-CAT310W Datasheet
291Kb / 11P
10 Channel Automotive LED Display Driver
Doc. No. 25087, Rev. 2
More results

Similar Description - CAT310

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
logo
Catalyst Semiconductor
CAT310 CATALYST-CAT310_07 Datasheet
510Kb / 11P
10 Channel Automotive LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
logo
ON Semiconductor
CAT310W ONSEMI-CAT310W Datasheet
291Kb / 11P
10 Channel Automotive LED Display Driver
Doc. No. 25087, Rev. 2
CAT310 ONSEMI-CAT310 Datasheet
151Kb / 10P
10 Channel Automotive LED Display Driver
November, 2009 ??Rev. 2
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844_10 Datasheet
2Mb / 62P
10 Channel LED Backlight Driver
logo
Texas Instruments
TPS92610-Q1 TI1-TPS92610-Q1 Datasheet
2Mb / 25P
Automotive Single-Channel LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
Automotive Single-Channel LED Driver
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
Automotive Single-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com