Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT310 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT310
Description  10 Channel Automotive LED Display Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT310 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT310 Datasheet HTML 1Page - Catalyst Semiconductor CAT310 Datasheet HTML 2Page - Catalyst Semiconductor CAT310 Datasheet HTML 3Page - Catalyst Semiconductor CAT310 Datasheet HTML 4Page - Catalyst Semiconductor CAT310 Datasheet HTML 5Page - Catalyst Semiconductor CAT310 Datasheet HTML 6Page - Catalyst Semiconductor CAT310 Datasheet HTML 7Page - Catalyst Semiconductor CAT310 Datasheet HTML 8Page - Catalyst Semiconductor CAT310 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CAT310
© 2005 Catalyst Semiconductor, Inc.
2
Doc No. 25087, Rev. 00
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VCC voltage
7
V
Input voltage range (SIN, SCLK,
BLANK, XLAT)
-0.3V to VCC+0.3V
V
SOUT voltage range
-0.3V to VCC+0.3V
V
Peak OUT0 to OUT9 voltage
40
V
VBATT input voltage
40
V
DC output current on OUT0 to OUT9
70
mA
Storage Temperature Range
-55 to +160
°C
Operating Junction Temperature Range
-40 to +150
°C
Lead Soldering Temperature (10sec.)
300
°C
ESD Rating: Low Voltage Pins
Human Body Model
Machine Model
3000
300
V
ESD Rating: VBATT, OUT[0:9] pins
Human Body Model
Machine Model
1000
100
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VCC
3.0 to 5.5
V
Voltage applied to OUT0 to OUT9
9 to 17
V
Output current on OUT0 to OUT9
0 to 50
mA
Ambient Temperature Range
-40 to +125
°C
ELECTRICAL OPERATING CHARACTERISTICS
DC Characteristics VCC = 5.0V, -40ºC ≤ TA ≤ 125 ºC, over recommended operating conditions unless specified
otherwise.
Symbol Name
Conditions
Min
Typ
Max
Units
ISTBY
Standby Quiescent Current
Static input signal. All
outputs turned off.
1
10
µA
VOVP
VBATT Over Voltage
Protection Trigger threshold
17
19
21
V
VUVLO
VCC Under Voltage Lockout
Trigger threshold
1.7
2.5
V
RSW
Switch on resistance for
OUT0 to OUT9
IO(n) = 30mA
2
5
12
IO(n)LKG
OUT0 to OUT9 Output Switch
Leakage
V(OUT(n)) = 15V
0.1
10
µA
IXLAT
XLAT Internal Pull-down
current
XLAT = VCC
XLAT = 0.3V
4
1
10
3
30
6
µA
IBLANK
BLANK Internal Pull-up
current
BLANK = 0V
BLANK = VCC - 0.3V
4
1
10
3
30
6
µA
VIH
VIL
Logic high input voltage
Logic low input voltage
0.3 VCC
0.7VCC
V
IIL
Logic Input leakage current
(SCLK, SIN)
VI = VCC or GND
-5
0
5
µA
VOH
VOL
SOUT logic high output voltage
SOUT logic low output voltage
IOH = -1mA
IOL = 1mA
VCC -0.3V
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com