Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT310 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT310
Description  10 Channel Automotive LED Display Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT310 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT310 Datasheet HTML 2Page - Catalyst Semiconductor CAT310 Datasheet HTML 3Page - Catalyst Semiconductor CAT310 Datasheet HTML 4Page - Catalyst Semiconductor CAT310 Datasheet HTML 5Page - Catalyst Semiconductor CAT310 Datasheet HTML 6Page - Catalyst Semiconductor CAT310 Datasheet HTML 7Page - Catalyst Semiconductor CAT310 Datasheet HTML 8Page - Catalyst Semiconductor CAT310 Datasheet HTML 9Page - Catalyst Semiconductor CAT310 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT310
© 2005 Catalyst Semiconductor, Inc.
6
Doc No. 25087, Rev. 00
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VCC = 5V, VBATT = 14V, TAMB = 25ºC, unless otherwise specified.
Output Channel Leakage vs. Bias Voltage
0
2
4
6
8
10
12
14
10
11
12
13
14
15
16
OUTPUT PIN BIAS VOLTAGE [V]
125ºC
25ºC
85ºC
-40ºC
Quiescent Current vs. Temperature
0
5
10
15
20
-50 -25
0
25
50
75 100 125
TEMPERATURE [ºC]
VBATT Overvoltage Detection vs. Temperature
14
16
18
20
22
24
-50 -25
0
25
50
75 100 125
TEMPERATURE [ºC]
VCC Undervoltage Lockout vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50 -25025
50
75 100 125
TEMPERATURE [ºC]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com