Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT310 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT310
Description  10 Channel Automotive LED Display Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT310 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT310 Datasheet HTML 1Page - Catalyst Semiconductor CAT310 Datasheet HTML 2Page - Catalyst Semiconductor CAT310 Datasheet HTML 3Page - Catalyst Semiconductor CAT310 Datasheet HTML 4Page - Catalyst Semiconductor CAT310 Datasheet HTML 5Page - Catalyst Semiconductor CAT310 Datasheet HTML 6Page - Catalyst Semiconductor CAT310 Datasheet HTML 7Page - Catalyst Semiconductor CAT310 Datasheet HTML 8Page - Catalyst Semiconductor CAT310 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT310
© 2005 Catalyst Semiconductor, Inc.
4
Doc No. 25087, Rev. 00
Characteristics subject to change without notice
PIN DESCRIPTIONS
VCC is the supply input for the internal logic
and is compatible with both 3.3V and 5V
systems. The logic is held in a reset state until
VCC exceeds 2.5V. It is recommended that a
small bypass ceramic capacitor (1uF) be
placed between VCC and GND pins on the
device.
SIN is the CMOS logic pin for delivering the
serial input data stream into the internal 10-bit
shift register. The most recent or last data
value in the serial stream is used to configure
the state of output channel “zero” (OUT0).
During the initial power up sequence all
contents of the shift register are reset and
cleared to zero.
SCLK is the CMOS logic pin used to clock
the internal shift register. On each rising edge
of clock, the serial data will advance through
one stage of the shift register.
XLAT is the CMOS logic input used to
transfer data from the 10-bit shift register into
the output channel latches. An internal pull-
down current of 10 microampere is present on
this pin. When XLAT is low, the state of each
output channel remains unchanged. When
XLAT is driven high, the contents of the shift
register appear at their respective output
channels. An external pull-up resistance of
10k
Ω or less is adequate for logic high.
PGND, GND pins should be connected to
the ground on the PCB.
BLANK is the CMOS logic input (active high)
used to temporarily disable all outputs. An
internal pull-up current of 10 microampere is
present on this pin. The BLANK pin must be
driven to a logic low in order for channel outputs
to resume normal operation. An external pull-
down resistance of 10k
Ω or less is adequate for
logic low.
SOUT is the CMOS logic output used for daisy
chain applications. The serial output data
stream is fed from the last stage of the internal
10-bit shift register. On each rising edge of the
clock, the SOUT value will be updated. The
data value present on this pin is identical to the
data value being used for configuring the state
of output channel nine (OUT9). At initial power
up, the SOUT data stream will contain all
zeroes until the shift register has been fully
loaded.
VBATT input monitors the battery voltage. If an
over-voltage, above 19V typical, is detected, all
outputs are disabled. Upon conclusion of the
over-voltage condition, all outputs resume
normal operation. The current drawn by the
VBATT pin is less than 1 microampere during
normal operation.
OUT0-OUT9 are the ten LED outputs
connected internally to the switch N-channel
FETs. They sink currents up to 50mA per
channel and can withstand transients up to 40V
compatible with automotive “load dump”. The
output on-resistance is 5
Ω, and the off-
resistance is 5M
Ω.
PIN TABLE
Pin Number
Pin Name
Description/Function
1
SCLK
Clock input for the data shift register.
2
XLAT
Control input for the data latch.
3
SIN
Serial data input.
4
SOUT
Serial data output.
5
GND
Ground.
6-10
OUT4 - OUT0
Open drain outputs.
11-15
OUT9 - OUT5
Open drain outputs.
16
PGND
Ground for LED driver outputs.
17
VBATT
Battery sense input.
18
VCC
Power supply voltage for the logic
19
BLANK
Blank input. When BLANK is high, all the output drivers are turned off.
20
N.C.
No connect.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com