Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM4 Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # PAM4
Description  Digital Serial Analyzer Sampling Oscilloscope
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PAM4 Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  PAM4 Datasheet HTML 1Page - TEKTRONIX, INC. PAM4 Datasheet HTML 2Page - TEKTRONIX, INC. PAM4 Datasheet HTML 3Page - TEKTRONIX, INC. PAM4 Datasheet HTML 4Page - TEKTRONIX, INC. PAM4 Datasheet HTML 5Page - TEKTRONIX, INC. PAM4 Datasheet HTML 6Page - TEKTRONIX, INC. PAM4 Datasheet HTML 7Page - TEKTRONIX, INC. PAM4 Datasheet HTML 8Page - TEKTRONIX, INC. PAM4 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Electrical modules
Very low-noise electrical samplers (280 μV at 20 GHz, 450 μV at
60 GHz, typical)
Selectable bandwidths 4 allow the user to trade-off sampler
bandwidth and noise for optimal data acquisition performance
Remote samplers or compact sampling extender module cables
minimize signal degradation by allowing the sampler to be located
in close proximity to the device under test
High-performance integrated TDR (10 ps typical step rise time)
supports exceptional impedance discontinuity characterization and
high dynamic range for S-parameter measurements to 50 GHz
Analysis
Jitter, noise, and BER analysis of high-speed PAM4 and PAM2
NRZ serial data rates from <1 GBd to 60 GBd provides insight into
precise causes of eye closure
Analysis of PAM4 signals with comprehensive jitter, noise and BER
analysis for each individual PAM eye, and a set of global
measurements that assess the overall PAM4 signal attributes
100G-SR4/Transmitter and Dispersion Eye Closure (TDEC)
automation provides turn-key testing and debug of TX Optical
properties key to the SR4 Short Reach Ethernet
80STDEC streamlines high performance Transmitter and
Dispersion Eye Closure (TDEC) measurement making it ideal for
manufacturing and conformance validation applications
Automated mask testing with over 80 industry-standard masks.
New masks can be imported into the DSA8300 to support new
emerging standards. Users can define their own masks for
automated mask testing
Jitter, noise, BER, mask testing, and Serial Data Link Analysis
(SDLA) are provided through the 80SJNB Essentials and
Advanced Software Application Options
Advanced TDR analysis, S-parameter measurements, simulation
model extraction, and serial link simulation capabilities are
provided by the IConnect
® Software Application options
400G-M4 Optical Manufacturing Analysis Software provides
Optical Transmitter and Dispersion Eye Closure Quaternary
(TDECQ) analysis
High test throughput
High sample acquisition rate up to 200 kS/s per channel
Efficient programmatic interface (IEEE-488, Ethernet, or local
processor access) enables high test throughput
Applications
Design/Verification of telecom and datacom components and systems
Manufacturing/testing for ITU/ANSI/IEEE/SONET/SDH compliance
High-performance true-differential TDR measurements
Impedance characterization and network analysis for serial data
applications including S-parameters
Advanced jitter, noise, BER and SDLA analysis
Channel and eye diagram simulation and measurement-based
modeling with IConnect.
Superior performance with extraordinary
versatility
The DSA8300 Digital Serial Analyzer is the most versatile tool for
developing and testing communications, computers, and consumer
electronics which use multi-gigabit data transmission. It is used for optical
and electrical transmitter characterization, as well as compliance
verification for devices, modules, and systems used in these products.
In addition, the DSA8300 is well-suited for electrical signal path
characterization, whether for packages, PCBs, or electrical cables. With
exceptional bandwidth, signal fidelity, and the most extensible modular
architecture, the DSA8300 provides the highest-performance TDR and
interconnect analysis, most accurate analysis of signal impairments, and
BER calculations for current and emerging serial data technology.
Optical eye diagram testing
4
Refer to the 80E00 Electrical Sampling Modules datasheet for detailed descriptions of each available module.
Datasheet
2 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com