Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM4 Datasheet(PDF) 6 Page - TEKTRONIX, INC.

Part # PAM4
Description  Digital Serial Analyzer Sampling Oscilloscope
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PAM4 Datasheet(HTML) 6 Page - TEKTRONIX, INC.

Back Button PAM4 Datasheet HTML 2Page - TEKTRONIX, INC. PAM4 Datasheet HTML 3Page - TEKTRONIX, INC. PAM4 Datasheet HTML 4Page - TEKTRONIX, INC. PAM4 Datasheet HTML 5Page - TEKTRONIX, INC. PAM4 Datasheet HTML 6Page - TEKTRONIX, INC. PAM4 Datasheet HTML 7Page - TEKTRONIX, INC. PAM4 Datasheet HTML 8Page - TEKTRONIX, INC. PAM4 Datasheet HTML 9Page - TEKTRONIX, INC. PAM4 Datasheet HTML 10Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DSA8300 Record Length
50, 100, 250, 500, 1000, 2000, 4000, 8000, or 16000 samples (magnification views have maximum record length of 4000 samples)
Longer Records Available
IConnect
®: 1M samples
80SJNB Jitter, Noise, and BER Analysis Software: 10M samples (100k unit intervals, 100 samples per unit interval)
Trigger system
Trigger Sources
Clock Input/Prescale Trigger (front panel)
TDR clock (generated internally)
Clock recovery triggers from Optical Sampling modules and Electrical Clock Recovery modules (internally connected)
Phase Reference (when using the 82A04B Phase Reference module) time base supports acquisitions without a trigger signal in its
Free Run mode
Trigger Direct Input (front panel)
Clock Input / Prescale Trigger
Input
Clock Input Sensitivity
150 mVp-p to 1 Vp-p, 0.15 GHz to 20 GHz (typical)
200 mVp-p to 1 Vp-p, 0.8 GHz to 15 GHz (guaranteed)
Minimum Slew Rate
≥2 V/ns
Clock Input Range
1.0 Vp-p (max) – AC coupled
Pattern Lengths Supported
(for Pattern Triggering with
ADVTRIG Option)
2 to 223 (8,388,608) inclusive
Clock Input Jitter in Clock-eye
and Clock-pattern Trigger
Modes (Typical)
0.15 - 0.40 GHz: 900 fs (RMS)
0.40 - 1.25 GHz: 800 fs
1.25 - 20 GHz: 425 fs
Clock Input Jitter in Clock-eye
and Clock-pattern Trigger
Modes (Max)
0.80 - 1.25 GHz: 900 fs (RMS)
1.25 - 11.20 GHz: 500 fs
11.20 - 15.0 GHz: 600 fs
TDR Trigger
TDR Step Rate
Selectable from 25 to 300 kHz in 1 kHz steps
Actual TDR step rate may vary up to 2% from requested rate
TDR Trigger Jitter
1.3 ps RMS (typical) 1.8 ps RMS (max)
Phase Reference Time Base
Phase Reference Input Range Standard 82A04B: 8 - 32 GHz (guaranteed), 2 - 32 GHz (typical)
82A04B Option 60G: 8 - 60 GHz (guaranteed), 2 - 70 GHz (typical)
For non-sinusoidal clock at frequencies <8 GHz, it may be necessary to filter the clock input to eliminate harmonics from the clock
signal (see accessories 020-2566-xx, 020-2567-xx, and 020-2568-xx)
Phase Reference Input
Sensitivity
Best jitter performance is with the clock input to the 82A04B in the following range: 0.6 - 1.8 V. The phase reference time base
remains operational to 100 mV (typical) with increased jitter
Jitter
f ≥8 GHz: 100 fs RMS, on a 10 GHz or faster sampling module
2 GHz ≤ f ≤ 8 GHz: 140 fs RMS, typical on a 10 GHz or faster acquisition module
Datasheet
Horizontal system
6 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com