Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM4 Datasheet(PDF) 7 Page - TEKTRONIX, INC.

Part # PAM4
Description  Digital Serial Analyzer Sampling Oscilloscope
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PAM4 Datasheet(HTML) 7 Page - TEKTRONIX, INC.

Back Button PAM4 Datasheet HTML 3Page - TEKTRONIX, INC. PAM4 Datasheet HTML 4Page - TEKTRONIX, INC. PAM4 Datasheet HTML 5Page - TEKTRONIX, INC. PAM4 Datasheet HTML 6Page - TEKTRONIX, INC. PAM4 Datasheet HTML 7Page - TEKTRONIX, INC. PAM4 Datasheet HTML 8Page - TEKTRONIX, INC. PAM4 Datasheet HTML 9Page - TEKTRONIX, INC. PAM4 Datasheet HTML 10Page - TEKTRONIX, INC. PAM4 Datasheet HTML 11Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Trigger Direct Input
Trigger Sensitivity
50 mV, DC - 4 GHz (typical)
100 mV, DC - 3 GHz (guaranteed)
Trigger Level Range
±1.0 V
Trigger Input Range
±1.5 V
Trigger Holdoff
Adjustable 5 μs to 50 ms in 0.5 ns increments
Trigger Direct Input Jitter
1.1 ps RMS + 5 ppm of horizontal position (typical)
1.5 ps RMS + 10 ppm of horizontal position (max)
Acquisition system
Acquisition modes
Sample (Normal), Envelope, and Average
Number of sampling modules
accommodated
Up to 4 dual-channel electrical; up to 2 optical sampling modules.
Population of the CH1/CH2 large slot with any module other than one requiring power only displaces functionality of the CH1/CH2
small slot; population of the CH3/CH4 large slot with any module other than one requiring power only displaces functionality of the
CH3/CH4 small slot.
Number of simultaneously
acquired inputs
8 channels maximum
Maximum acquisition rate
300 kS/s per channel in TDR mode
200 kS/s per channel in all other nonphase reference modes
120 kS/s per channel in phase reference modes
Waveform measurements
System Measurement Rate
The DSA8300 supports up to 8 simultaneous measurements, updated 3 times per second with optional display of per-
measurement statistics (min, max, mean, and standard deviation)
Measurement Set
Over 120 automated measurements include RZ, NRZ, and pulse signal types, and the following measurement types:
Amplitude Measurements
High, Low, Amplitude, Peak-to-Peak, Max, Mid, Min, Mean, +Overshoot, –Overshoot, P-P, Average Optical Power (dBm, watts),
Noise, RMS Noise, SNR, Eye Height, Eye Opening Factor, Extinction Ratio (Ratio, %, dB), Suppression Ratio (Ratio, %, dB),
OMA, Q-factor, RMS, AC RMS, Cycle RMS, Cycle Mean, Gain, Crossing %, Crossing Level OMA, VMA
Timing Measurements
Rise, Fall, Period, Bit Rate, Bit Time, Frequency, Crossing Time, +Cross, –Cross, Jitter (P-P, RMS), Eye Width, +Width, –Width,
Burst Width, +Duty Cycle, –Duty Cycle, Duty Cycle Distortion, Delay, Phase, Pulse Symmetry
Area Measurements
Area, Cycle Area
Cursors
Dot, vertical bar, and horizontal bar cursors
Waveform Processing
Up to 8 math waveforms can be defined and displayed using the following math functions: Add, Subtract, Multiply, Divide,
Average, Differentiate, Exponential, Integrate, Natural Log, Log, Magnitude, Min, Max, Square Root, and Filter. In addition,
measurement values can be utilized as scalars in math waveform definitions
Mask Testing
For many applications, standard masks are available as predefined, built-in masks. Many of the most commonly used standard
masks are shown in the following supported standards list. Contact your local Tektronix representative to get a list of all available
masks. Unless otherwise noted, file-based masks are used to distribute new, Tektronix factory-created, updated masks as a file
loadable by the firmware. User-defined masks allow the user to create (through UI or PI) user masks
DSA8300 Digital Serial Analyzer Sampling Oscilloscope
Trigger system
www.tek.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com