Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM4 Datasheet(PDF) 4 Page - TEKTRONIX, INC.

Part # PAM4
Description  Digital Serial Analyzer Sampling Oscilloscope
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PAM4 Datasheet(HTML) 4 Page - TEKTRONIX, INC.

  PAM4 Datasheet HTML 1Page - TEKTRONIX, INC. PAM4 Datasheet HTML 2Page - TEKTRONIX, INC. PAM4 Datasheet HTML 3Page - TEKTRONIX, INC. PAM4 Datasheet HTML 4Page - TEKTRONIX, INC. PAM4 Datasheet HTML 5Page - TEKTRONIX, INC. PAM4 Datasheet HTML 6Page - TEKTRONIX, INC. PAM4 Datasheet HTML 7Page - TEKTRONIX, INC. PAM4 Datasheet HTML 8Page - TEKTRONIX, INC. PAM4 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Utility modules
The Tektronix 80A00 and 82A00 families of modules provide additional
capabilities such as phase reference and ESD protection.
Refer to the Ordering information section for a list of currently available
utility type modules.
Refer the to the various utility module datasheets for detailed
descriptions of each available module.
80A02 EOS ESD Isolation Module
82A04B Phase Reference Module
80A03 module extender
80B28G - a DSA8300 product bundle for
28 Gb/s applications
This bundle, when used with a DSA8300, provides all of the electrical
sampling modules, accessories, and clock recovery capabilities needed to
test applications at rates from 10 Gb/s to 28.6 Gb/s per lane. The bundle
includes the following products:
1 ea. 80E09B: dual channel, 70 GHz Remote Electrical Sampling
Module
1 ea. 82A04B: Phase Reference Module that supports sub-100 fs
instrumentation jitter when used with the 80E09B
1 ea. CR286A with Option HS: 28.6 GHz clock recovery instrument that
supports clock recovery at rates from 150 Mb/s to 28.6 Gb/s
1 ea. 80X01: 1-meter sampling module extender cable used to extend
the phase reference module to connect directly to the clock recovery
module
1 ea. 80A08 : accessory kit with all of the necessary cables, adapters,
DC blocks and other accessories to configure a complete test solution
To extend this solution to test additional lanes in a multi-lane application,
simply install additional 80E09B dual channel remote sampling modules.
Datasheet
4 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com