Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM4 Datasheet(PDF) 13 Page - TEKTRONIX, INC.

Part # PAM4
Description  Digital Serial Analyzer Sampling Oscilloscope
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PAM4 Datasheet(HTML) 13 Page - TEKTRONIX, INC.

Back Button PAM4 Datasheet HTML 8Page - TEKTRONIX, INC. PAM4 Datasheet HTML 9Page - TEKTRONIX, INC. PAM4 Datasheet HTML 10Page - TEKTRONIX, INC. PAM4 Datasheet HTML 11Page - TEKTRONIX, INC. PAM4 Datasheet HTML 12Page - TEKTRONIX, INC. PAM4 Datasheet HTML 13Page - TEKTRONIX, INC. PAM4 Datasheet HTML 14Page - TEKTRONIX, INC. PAM4 Datasheet HTML 15Page - TEKTRONIX, INC. PAM4 Datasheet HTML 16Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DSA83UP - DSA8300 upgrade kit
ADVTRIG
Add Advanced Trigger with Pattern Sync
HDD8
Additional hard disk drive complete with assembled mounting bracket, operating system, and oscilloscope application
JARB
Add 80SJARB (included with Option JNB, JNB01, or JNB02)
JNB
Add 80SJNB Essentials
JNB01
Add 80SJNB Advanced
JNB02
Add 80SJNB Advanced with SDLA Visualizer
JNBTOJNB01
Upgrade from JNB to JNB Advanced
JNBTOJNB02
Upgrade from JNB to JNB Advanced with SDLA Visualizer
JNB01TOJNB02
Upgrade JNB01 to JNB02 (Adds SDLA Visualizer)
80SSR4
100GBASE-SR4 Comprehensive Transmitter compliance testing (includes TDEC); recommend sampling modules 80C18 or
80C17, or 80C15 with Opt. CRTP
80STDEC
100GBASE-SR4 Transmitter and Dispersion Eye Closure (TDEC); recommend sampling modules 80C18 or 80C17, or 80C15 with
Opt. CRTP
80S400G-TXO
For PAM4 optical compliance tests and TDECQ measurement
PAM4
Upgrade 80SJNB: add PAM4 Transmitter Analysis capability; requires 80SJNB Advanced (JNB01) or 80SJNB Advanced+SDLA
(JNB02) software
CEI-VSR
OIF CEI 3.0 Compliance Solution for DSA8300
DSA83UP 400G-M4
Upgrade for 400G Optical Manufacturing Analysis Software, 4-channel TDECQ analysis. For customers who already have a
DSA8300.
DSA8300 Rack Mount
016-1791-02
DSA8300 Rack Mount Kit
Optional Accessories
Optical modules
Optical modules plug directly into the large slot of the DSA8300 sampling oscilloscope mainframe. See the 80C00 Optical Modules datasheet for more details.
All optical modules have FC/PC connectors installed. Other connector adapters available as options are: ST/PC, D4/PC, Biconic, SMA 2.5, SC/PC, DIN/PC, HP/PC, SMA,
DIAMOND 3.5.
80C07B
2.5 GHz single-mode and multi-mode, amplified (750 to 1650 nm) optical module for multirate datacom and telecom applications
w/ optional integrated clock recovery
80C08D
9 GHz optical channel; single-mode and multi-mode, amplified (750 to 1650 nm) optical module optimized for 8.5 to 12.5 Gb/s
applications with optional integrated clock recovery
80C10C
55/70/80 GHz; single-mode (1290 to 1330 nm and 1520 to 1620 nm) optical module with reference receiver 5 filters for multirate
datacom and telecom 40 Gb/s and 100 Gb/s (4 × 25 Gb/s) and PAM4 50G/100G/200G/400G at 25+GBd and 53+GBd applications
with optional calibrated trigger pick-off for use with external clock recovery instruments (such as the CR286A)
80C11B
30 GHz, single-mode (100 to 1650 nm) optical module with reference receiver 5 filters for 8.5 to 14.1 Gb/s telecom and datacom
standards. Optional, integrated clock recovery for 8.5 to 12.6 Gb/s applications
5
Optical Reference Receiver (ORR) is a 4th-order Bessel-Thompson filter, with a nominal response and other details defined by standards. Details of the definition differ; Tektronix optimizes the response for
best nominal fit and highest quality mask test results.
DSA8300 Digital Serial Analyzer Sampling Oscilloscope
www.tek.com 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com