Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8421 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS8421
Description  32-bit, 192 kHz Asynchronous Sample Rate Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8421 Datasheet(HTML) 5 Page - Cirrus Logic

  CS8421 Datasheet HTML 1Page - Cirrus Logic CS8421 Datasheet HTML 2Page - Cirrus Logic CS8421 Datasheet HTML 3Page - Cirrus Logic CS8421 Datasheet HTML 4Page - Cirrus Logic CS8421 Datasheet HTML 5Page - Cirrus Logic CS8421 Datasheet HTML 6Page - Cirrus Logic CS8421 Datasheet HTML 7Page - Cirrus Logic CS8421 Datasheet HTML 8Page - Cirrus Logic CS8421 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
CS8421
DS641PP1
5
1.
CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions.
Typical performance characteristics and specifications are derived from measurements taken at nominal
supply voltages and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS (GND = 0 V, all voltages with respect to 0 V)
ABSOLUTE MAXIMUM RATINGS (GND = 0 V; all voltages with respect to 0 V. Operation beyond
these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes.)
Notes: 1. Transient currents of up to 100 mA will not cause SCR latch-up.
2. Numbers separated by a colon indicate input and output sample rates. For example, 48 kHz:96 kHz
indicates that Fsi = 48 khz and Fso = 96 kHz.
Parameter
Symbol
Min
Nominal
Max
Units
Power Supply Voltage
VD
VL
2.38
3.14
2.5
3.3 or 5.0
2.62
5.25
V
V
Ambient Operating Temperature:
‘-CZ’
‘-CNZ’
‘-DZ’
TA
-10
-10
-40
-
-
-
+70
+70
+85
°C
°C
°C
Parameter
Symbol
Min
Max
Units
Power Supply Voltage
VD
VL
-0.3
-0.3
3.5
6.0
V
V
Input Current, Any Pin Except Supplies
(Note 1)
Iin
-±10
mA
Input Voltage
Vin
-0.3
VL+0.4
V
Ambient Operating Temperature (power applied)
TA
-55
+125
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com