Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8421 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS8421
Description  32-bit, 192 kHz Asynchronous Sample Rate Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8421 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8421 Datasheet HTML 6Page - Cirrus Logic CS8421 Datasheet HTML 7Page - Cirrus Logic CS8421 Datasheet HTML 8Page - Cirrus Logic CS8421 Datasheet HTML 9Page - Cirrus Logic CS8421 Datasheet HTML 10Page - Cirrus Logic CS8421 Datasheet HTML 11Page - Cirrus Logic CS8421 Datasheet HTML 12Page - Cirrus Logic CS8421 Datasheet HTML 13Page - Cirrus Logic CS8421 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CS8421
10
DS641PP1
2.
TYPICAL CONNECTION DIAGRAMS
CS8421
VD
VL
Serial
Audio
Source
ILRCK
ISCLK
SDIN
BYPASS
+2.5 V
+3.3 V or +5.0 V
0.1
µF0.1 µF
Serial
Audio
Input
Device
OLRCK
OSCLK
SDOUT
XTI
XTO
RST
SRC_UNLOCK
SAOF
TDM_IN
Hardware Control
Settings
Crystal /Clock
Source
GND
SAIF
MS_SEL
GND
MCLK_OUT
To external
hardware
47 k
Ω
*
**
Figure 5. Typical Connection Diagram, Master and Slave Modes
* The connection (VL or GND) and value of these three resistors determines the mode of operation for the
input and output serial ports as described in Table 1, “Serial Audio Port Master/Slave and Clock Ratio Se-
lect Startup Options (MS_SEL)", Table 2, “Serial Audio Input Port Startup Options (SAIF)", and Table 3,
“Serial Audio Output Port Startup Options (SAOF)", all on page 13.
** MCLK_OUT pin should be pulled high through a 47 k
Ω resistor if an MCLK output is not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com