Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8421 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS8421
Description  32-bit, 192 kHz Asynchronous Sample Rate Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8421 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS8421 Datasheet HTML 14Page - Cirrus Logic CS8421 Datasheet HTML 15Page - Cirrus Logic CS8421 Datasheet HTML 16Page - Cirrus Logic CS8421 Datasheet HTML 17Page - Cirrus Logic CS8421 Datasheet HTML 18Page - Cirrus Logic CS8421 Datasheet HTML 19Page - Cirrus Logic CS8421 Datasheet HTML 20Page - Cirrus Logic CS8421 Datasheet HTML 21Page - Cirrus Logic CS8421 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
CS8421
18
DS641PP1
6.8
Time Division Multiplexing (TDM) Mode
TDM mode allows several CS8421 to be serially connected together allowing their corresponding SDOUT
data to be multiplexed onto one line for input into a DSP or other TDM capable multichannel device.
The CS8421 can operate in two TDM modes. The first mode consists of all of the CS8421’s output ports
set to slave as shown in Figure 13. The second mode consists of one CS8421 output port set to master
and the remaining CS8421’s output ports set to slave as shown in Figure 14.
The TDM_IN pin is used to input the data while the SDOUT pin is used to output the data. The first
CS8421 in the chain should have its TDM_IN set to GND. Data is transmitted from SDOUT most signifi-
cant bit first on the first OSCLK after an OLRCK transition and is valid on the rising edge of OSCLK.
In TDM slave mode, the number of channels that can by multiplexed to one serial data line depends on
the output sampling rate. For slave mode, OSCLK must operate at N*64*Fso, where N is the number of
CS8421’s connected together. The maximum allowable OSCLK frequency is 24.576 MHz, so for Fso =
48 kHz, N = 8 (16 channels of serial audio data).
In TDM master mode, OSCLK operates at 256*Fso, which is equivalent to N = 4, so a maximum of 8 chan-
nels of digital audio can be multiplexed together. Note that for TDM master mode, MCLK must be at least
256*Fso, where Fso
≤ 96 kHz. OLRCK identifies the start of a new frame. Each time slot is 32-bits wide,
with the valid data sample left justified within the time slot. Valid data lengths are 16, 20, 24 or 32-bits.
Figure 11 and Figure 12 show the interface format for master and slave TDM modes.
Channel6
OLRCK
OSCLK
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
SDOUT/
TDM_IN
Channel1
Channel4
Channel2
Channel5
Channel3
32 clks
32 clks
32 clks
32 clks
32 clks
32 clks
Channel8
LSB
MSB
LSB
MSB
Channel7
32 clks
32 clks
Figure 11. TDM Slave Mode Timing Diagram
Channel6
OLRCK
OSCLK
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
SDOUT/
TDM_IN
Channel1
Channel4
Channel2
Channel5
Channel3
256 clks
32 clks
32 clks
32 clks
32 clks
32 clks
32 clks
Channel8
LSB
MSB
LSB
MSB
Channel7
32 clks
32 clks
Figure 12. TDM Master Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com