Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8421 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS8421
Description  32-bit, 192 kHz Asynchronous Sample Rate Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8421 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS8421 Datasheet HTML 27Page - Cirrus Logic CS8421 Datasheet HTML 28Page - Cirrus Logic CS8421 Datasheet HTML 29Page - Cirrus Logic CS8421 Datasheet HTML 30Page - Cirrus Logic CS8421 Datasheet HTML 31Page - Cirrus Logic CS8421 Datasheet HTML 32Page - Cirrus Logic CS8421 Datasheet HTML 33Page - Cirrus Logic CS8421 Datasheet HTML 34Page - Cirrus Logic CS8421 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
CS8421
DS641PP1
31
-180
-110
-175
-170
-165
-160
-155
-150
-145
-140
-135
-130
-125
-120
-115
d
B
F
S
0
20k
2.5k
5k
7.5k
10k
12.5k
15k
17.5k
Hz
-180
-110
-175
-170
-165
-160
-155
-150
-145
-140
-135
-130
-125
-120
-115
d
B
F
S
-140
+0
-120
-100
-80
-60
-40
-20
dBFS
Figure 39a. THD+N vs. Frequency Input, 0 dBFS, 48 kHz:44.1 kHz
Figure 39b. THD+N vs. Frequency Input, 0 dBFS, 48 kHz:96 kHz
-180
-110
-175
-170
-165
-160
-155
-150
-145
-140
-135
-130
-125
-120
-115
d
B
F
S
0
20k
2.5k
5k
7.5k
10k
12.5k
15k
17.5k
Hz
-180
-110
-175
-170
-165
-160
-155
-150
-145
-140
-135
-130
-125
-120
-115
d
B
F
S
0
20k
2.5k
5k
7.5k
10k
12.5k
15k
17.5k
Hz
Figure 40a. THD+N vs. Frequency Input, 0 dBFS, 44.1 kHz:48 kHz
Figure 40b. THD+N vs. Frequency Input, 0 dBFS, 96 kHz:48 kHz
All performance plots represent typical performance. Measurements for all performance plots were taken
under the following conditions, unless otherwise stated:
•
VD = 2.5 V, VL = 3.3 V
•
Serial Audio Input port set to slave
•
Serial Audio Output port set to slave
•
Input and output clocks and data are asynchronous
•
XTI/XTO = 27 MHz
•
Input signal = 1.000 kHz, 0 dBFS
•
Measurement Bandwidth = 20 to (Fso/2) Hz
•
Word Width = 24 Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com