Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8421 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS8421
Description  32-bit, 192 kHz Asynchronous Sample Rate Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8421 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS8421 Datasheet HTML 26Page - Cirrus Logic CS8421 Datasheet HTML 27Page - Cirrus Logic CS8421 Datasheet HTML 28Page - Cirrus Logic CS8421 Datasheet HTML 29Page - Cirrus Logic CS8421 Datasheet HTML 30Page - Cirrus Logic CS8421 Datasheet HTML 31Page - Cirrus Logic CS8421 Datasheet HTML 32Page - Cirrus Logic CS8421 Datasheet HTML 33Page - Cirrus Logic CS8421 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
CS8421
30
DS641PP1
-180
-110
-175
-170
-165
-160
-155
-150
-145
-140
-135
-130
-125
-120
-115
d
B
F
S
-140
+0
-120
-100
-80
-60
-40
-20
dBFS
-180
-110
-175
-170
-165
-160
-155
-150
-145
-140
-135
-130
-125
-120
-115
d
B
F
S
-140
+0
-120
-100
-80
-60
-40
-20
dBFS
Figure 36a. THD+N vs. Input Amplitude, 1 kHz Tone,
48 kHz:44.1 kHz
Figure 36b. THD+N vs. Input Amplitude, 1 kHz Tone,
48 kHz:96 kHz
-180
-110
-175
-170
-165
-160
-155
-150
-145
-140
-135
-130
-125
-120
-115
d
B
F
S
-140
+0
-120
-100
-80
-60
-40
-20
dBFS
-180
-110
-175
-170
-165
-160
-155
-150
-145
-140
-135
-130
-125
-120
-115
d
B
F
S
-140
+0
-120
-100
-80
-60
-40
-20
dBFS
Figure 37a. THD+N vs. Input Amplitude, 1 kHz Tone,
96 kHz:48 kHz
Figure 37b. THD+N vs. Input Amplitude, 1 kHz Tone,
44.1 kHz:192 kHz
-180
-110
-175
-170
-165
-160
-155
-150
-145
-140
-135
-130
-125
-120
-115
d
B
F
S
-140
+0
-120
-100
-80
-60
-40
-20
dBFS
-180
-110
-175
-170
-165
-160
-155
-150
-145
-140
-135
-130
-125
-120
-115
d
B
F
S
-140
+0
-120
-100
-80
-60
-40
-20
dBFS
Figure 38a. THD+N vs. Input Amplitude, 1 kHz Tone,
44.1kHz:48kHz
Figure 38b. THD+N vs. Input Amplitude, 1 kHz Tone,
192 kHz:48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com