Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA207IDBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207IDBVT
Description  OPA207 Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA207IDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA207IDBVT Datasheet HTML 12Page - Texas Instruments OPA207IDBVT Datasheet HTML 13Page - Texas Instruments OPA207IDBVT Datasheet HTML 14Page - Texas Instruments OPA207IDBVT Datasheet HTML 15Page - Texas Instruments OPA207IDBVT Datasheet HTML 16Page - Texas Instruments OPA207IDBVT Datasheet HTML 17Page - Texas Instruments OPA207IDBVT Datasheet HTML 18Page - Texas Instruments OPA207IDBVT Datasheet HTML 19Page - Texas Instruments OPA207IDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
10
11
12
13
14
15
0
5
10
15
20
25
30
35
40
45
50
I
O (mA)
C001
±40°C
25°C
125°C
85°C
-15
-14
-13
-12
-11
-10
0
5
10
15
20
25
30
35
40
45
50
I
O (mA)
C001
125°C
25°C
±40°C
85°C
Copyright © 2017, Texas Instruments Incorporated
OUT
V+
V-
16
OPA207
SBOS826D – DECEMBER 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Feature Description (continued)
7.3.5 Rail-to-Rail Output
The OPA207 uses a rail-to-rail output stage capable of swinging within a few millivolts from either power supply
rail while maintaining high open-loop gain. Figure 40 shows a simplified drawing of the output stage circuit.
Resistors connected in series with each output transistor ensure a consistent output current limit. Limiting the
output current in this way ensures reliable operation of the OPA207 under short circuited conditions and protects
sensitive loads from being damaged by excessive current. Figure 41 and Figure 42 illustrate the maximum output
current available from the OPA207 at various temperatures.
Figure 40. Simplified Rail-to-Rail Output Stage Circuit
Figure 41. Output Swing to Rail While Sourcing Current
Figure 42. Output Swing to Rail While Sinking Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com