Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA207IDBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207IDBVT
Description  OPA207 Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA207IDBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA207IDBVT Datasheet HTML 6Page - Texas Instruments OPA207IDBVT Datasheet HTML 7Page - Texas Instruments OPA207IDBVT Datasheet HTML 8Page - Texas Instruments OPA207IDBVT Datasheet HTML 9Page - Texas Instruments OPA207IDBVT Datasheet HTML 10Page - Texas Instruments OPA207IDBVT Datasheet HTML 11Page - Texas Instruments OPA207IDBVT Datasheet HTML 12Page - Texas Instruments OPA207IDBVT Datasheet HTML 13Page - Texas Instruments OPA207IDBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
±80
±60
±40
±20
0
20
40
60
80
±15
±10
±5
0
5
10
15
Input Common-mode Voltage (V)
C003
V
CM = ± 13.75 V
V
CM = 13.75 V
±2
±2
±1
±1
0
1
1
2
±20
±15
±10
±5
0
5
10
15
20
Input Common-mode Voltage (V)
C001
Time (5 Ps/div)
Sett
Rising
Falling
Time (100 ms/div)
Vin (V)
Vout (V)
Time (2 Ps/div)
VOUT
VIN
Time (2 Ps/div)
VOUT
VIN
10
OPA207
SBOS826D – DECEMBER 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, and RL = 2 kΩ (unless otherwise noted)
Figure 19. Overload Recovery From Positive Overload
Figure 20. Overload Recovery from Negative Overload
VOUT = 3 VRMS
Figure 21. Settling Time
VOUT = 3 VRMS
Figure 22. No Phase Reversal
Figure 23. Input Offset Voltage vs Input Common-mode
Voltage
Figure 24. Input Bias Current vs Input Common-mode
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com