Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA207IDBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207IDBVT
Description  OPA207 Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA207IDBVT Datasheet(HTML) 5 Page - Texas Instruments

  OPA207IDBVT Datasheet HTML 1Page - Texas Instruments OPA207IDBVT Datasheet HTML 2Page - Texas Instruments OPA207IDBVT Datasheet HTML 3Page - Texas Instruments OPA207IDBVT Datasheet HTML 4Page - Texas Instruments OPA207IDBVT Datasheet HTML 5Page - Texas Instruments OPA207IDBVT Datasheet HTML 6Page - Texas Instruments OPA207IDBVT Datasheet HTML 7Page - Texas Instruments OPA207IDBVT Datasheet HTML 8Page - Texas Instruments OPA207IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
OPA207
www.ti.com
SBOS826D – DECEMBER 2017 – REVISED OCTOBER 2019
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
6.5 Electrical Characteristics
at VS = ±15 V, TA = 25°C, RL = 2 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS/2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
OPA207D
15
±100
μV
TA = –40°C to 85°C
±150
TA = –40°C to 125°C
±200
Input offset voltage
OPA207DGK
15
±125
TA = 0°C to 85°C
±170
TA = –40°C to 125°C
±225
Input offset voltage
OPA207DBV
15
±130
TA = 0°C to 85°C
±170
TA = –40°C to 125°C
±225
dVOS/dT
Input offset voltage drift
OPA207D
TA = –40°C to 85°C
±0.2
±.8
μV/°C
TA = –40°C to 125°C
±0.2
±.8
Input offset voltage drift
OPA207DGK
and OPA207DBV
TA = 0°C to 85°C
±0.2
±1.1
TA = –40°C to 125°C
±0.2
±1.1
PSRR
Input offset voltage versus
power supply
VS = ±2.25 V to ±18 V
±0.5
±3
μV/V
VS = ±2.25 V to ±18 V, TA = –40°C to 85°C
±4.2
VS = ±2.25 V to ±18 V, TA = –40°C to 125°C
±5
INPUT BIAS CURRENT
IB
Input bias current
±0.2
±1.5
nA
TA = –40°C to 85°C
±2
TA = –40°C to 125°C
±7
IOS
Input offset current
±0.13
±1.5
nA
TA = –40°C to 85°C
±2
TA = –40°C to 125°C
±7
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
0.16
μVPP
0.024
µVRMS
eN
Input voltage noise density
f = 1 Hz
9.5
nV/
√Hz
f = 10 Hz
7.5
f = 100 Hz
7.5
f = 1 kHz
7.5
iN
Input current noise
f = 1 kHz
0.18
pA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
(V–) + 1.25
(V+) – 1.25
V
CMRR
Common-mode rejection
ratio
(V–) + 1.25 V < VCM < (V+) – 1.25 V
120
140
dB
(V–) + 1.25 V < VCM < (V+) – 1.25 V, TA = –40°C to
125°C
115
140
INPUT CAPACITANCE
ZID
Differential
3 || 14
MΩ || pF
ZICM
Common-mode
1 || 1
GΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 200 mV < VO <
(V+) – 200 mV, RL = 10 kΩ
130
140
dB
TA = –40°C to 125°C
126
(V–) + 200 mV < VO <
(V+) – 200 mV, RL = 2 kΩ
OPA207D, OPA207DGK
120
140
(V–) + 300 mV < VO <
(V+) – 300 mV, RL = 2 kΩ
OPA207DBV
130
140
(V–) + 200 mV < VO <
(V+) – 200 mV, RL = 2 kΩ
TA = –40°C to 125°C,
OPA207D, OPA207DGK
114
(V–) + 300 mV < VO <
(V+) – 300 mV, RL = 2 kΩ
TA = –40°C to 125°C,
OPA207DBV
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com