Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA207IDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207IDBVT
Description  OPA207 Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA207IDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA207IDBVT Datasheet HTML 5Page - Texas Instruments OPA207IDBVT Datasheet HTML 6Page - Texas Instruments OPA207IDBVT Datasheet HTML 7Page - Texas Instruments OPA207IDBVT Datasheet HTML 8Page - Texas Instruments OPA207IDBVT Datasheet HTML 9Page - Texas Instruments OPA207IDBVT Datasheet HTML 10Page - Texas Instruments OPA207IDBVT Datasheet HTML 11Page - Texas Instruments OPA207IDBVT Datasheet HTML 12Page - Texas Instruments OPA207IDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Time (2 Ps/div)
Larg
Vin
Cload = 10 pF
Cload = 100 pF
Cload = 200 pF
Cload = 400 pF
Time (1 Ps/div)
Smal
Vin
Cload = 10 pF
Cload = 100 pF
Cload = 200 pF
Cload = 400 pF
Time (2 Ps/div)
Larg
Vin
Cload = 10 pF
Cload = 100 pF
Cload = 200 pF
Cload = 400 pF
Time (1 Ps/div)
Smal
Vin
Cload = 10 pF
Cload = 100 pF
Cload = 200 pF
Cload = 400 pF
Capacitive Load (pF)
20
30 40 50
70
100
200
300
500 700 1000
0
5
10
15
20
25
30
35
40
OPA2
RISO = 0 :
RISO = 25 :
RISO = 50 :
Capacitive Load (pF)
20
30 40 50
70
100
200
300
500 700 1000
0
20
40
60
80
RISO = 0 Ω
RISO = 25 Ω
RISO = 50 Ω
9
OPA207
www.ti.com
SBOS826D – DECEMBER 2017 – REVISED OCTOBER 2019
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, and RL = 2 kΩ (unless otherwise noted)
G = +1 V/V
Figure 13. Overshoot vs Capacitive Load
G = –1 V/V
Figure 14. Overshoot vs Capacitive Load
G = +1 V/V
Figure 15. Small-Signal Step Response
G = +1 V/V
Figure 16. Large-Signal Step Response
G = –1 V/V
Figure 17. Small-Signal Step Response
G = –1 V/V
Figure 18. Large-Signal Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com