Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA207IDBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207IDBVT
Description  OPA207 Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA207IDBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA207IDBVT Datasheet HTML 15Page - Texas Instruments OPA207IDBVT Datasheet HTML 16Page - Texas Instruments OPA207IDBVT Datasheet HTML 17Page - Texas Instruments OPA207IDBVT Datasheet HTML 18Page - Texas Instruments OPA207IDBVT Datasheet HTML 19Page - Texas Instruments OPA207IDBVT Datasheet HTML 20Page - Texas Instruments OPA207IDBVT Datasheet HTML 21Page - Texas Instruments OPA207IDBVT Datasheet HTML 22Page - Texas Instruments OPA207IDBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
19
OPA207
www.ti.com
SBOS826D – DECEMBER 2017 – REVISED OCTOBER 2019
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Feature Description (continued)
If available, any dual and quad operational amplifier device versions have nearly similar EMIRR IN+
performance. The OPA207 unity-gain bandwidth is 1 MHz. EMIRR performance below this frequency denotes
interfering signals that fall within the operational amplifier bandwidth.
Table 1 shows the EMIRR IN+ values for the OPA207 at particular frequencies commonly encountered in real-
world applications. Applications listed in Table 1 may be centered on or operated near the particular frequency
shown. This information may be of special interest to designers working with these types of applications, or
working in other fields likely to encounter RF interference from broad sources, such as the industrial, scientific,
and medical (ISM) radio band.
Table 1. OPA207 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION/ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite/space operation, weather, radar, UHF
72 dB
900 MHz
GSM, radio com/nav./GPS (to 1.6 GHz), ISM, aeronautical mobile, UHF
83 dB
1.8 GHz
GSM, mobile personal comm. broadband, satellite, L-band
95 dB
2.4 GHz
802.11b/g/n, Bluetooth®, mobile personal comm., ISM, amateur
radio/satellite, S-band
94 dB
3.6 GHz
Radiolocation, aero comm./nav., satellite, mobile, S-band
103 dB
5 GHz
802.11a/n, aero comm./nav., mobile comm., space/satellite operation, C-
band
102 dB
7.4 Device Functional Modes
The OPA207 has a single functional mode and is operational when the power-supply voltage is greater than 4.5
V (± 2.25 V). The maximum power supply voltage for the OPA207 is 36 V (±18 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com