Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPA607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments OPA607 Datasheet HTML 15Page - Texas Instruments OPA607 Datasheet HTML 16Page - Texas Instruments OPA607 Datasheet HTML 17Page - Texas Instruments OPA607 Datasheet HTML 18Page - Texas Instruments OPA607 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
OPA607
OPA607
Current across RSH (A)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-2
-0.5
-1.2
-0.4
-0.4
-0.3
0.4
-0.2
1.2
-0.1
2
0
2.8
0.1
3.6
0.2
4.4
0.3
5.2
0.4
6
0.5
D003
Measured Output
Ideal Output
% Error w/o offset correction
% Error with offset correction
15
OPA607
www.ti.com
SBOS981 – OCTOBER 2019
Product Folder Links: OPA607
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
The target of the design is to achieve 0.1% measurement accuracy across –8 A to 12 A. As shown in Figure 10,
a DC accuracy of higher than 0.05% is achieved with the OPA607. The simulations are captured with and
without voltage offset calibration. The error at the output of the OPA607 increases drastically below –8 A and
above 12 A because of the RRO limitations of the OPA607. Increasing the supply of the OPA607 to 5-V VCC with
a suitable ADC enables a wider current measurement range to be obtained. Similarly reducing the gain from the
existing 20 V/V or reducing the value of RSH can equivalently help scale the required measurement current.
8.2.2.3 Application Curves
Figure 9. OPA607 Settling Performance With the ADS7042
Figure 10. DC Current-Sense Transfer Function
8.2.3
Ultrasonic Flow Meters
Figure 11. High-Gain Ultrasonic Front-End
8.2.3.1 Design Requirements
The OPA607 has a wide operating voltage range of 2.2 V to 5.5 V with a maximum quiescent current of 1 mA.
The availability of the inbuilt shutdown function enables designers to power cycle the front-end signal chain,
reducing the net quiescent current even further. The minimum operating voltage range of 2.2 V proves to be very
suitable for battery-powered applications such as the ultrasonic-based flow meters. The high-gain bandwidth of
the OPA607 enables the gain stages and the ADC drive stages to be designed and combined, thereby reducing
component count. A schematic similar to that of Figure 7 can be used in ultrasonic flow meters for the front-end
signal chain.
The Ultrasonic sensing subsystem reference design for gas flow measurement design guide has a detailed
design procedure for ultrasonic-based sensing for gas flow measurement. The OPA607 is a very suitable op amp
for the discrete front-end design described in this design guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com