Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPA607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments OPA607 Datasheet HTML 10Page - Texas Instruments OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments OPA607 Datasheet HTML 15Page - Texas Instruments OPA607 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
+
±
3.3V
1NŸ
1NŸ
VREF =1.24V
ADS7042
ISH
LOAD
OPA607
688 Ÿ
240 pF
GND
GND
GND
GND
3.3V
20 NŸ
TLV431
RSH
12
OPA607
SBOS981 – OCTOBER 2019
www.ti.com
Product Folder Links: OPA607
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2.2 Low-Cost, High-Speed Current Sensing
Figure 7. Hi-Z, High-Speed Front-End Circuit
8.2.2.1 Design Requirements
The objective of this design is to create a high-speed, high-gain signal chain for bidirectional current-sensing
applications in power systems and motor drive systems. Detailed Design Procedure lists the design requirements
of this application.
Table 2. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Amplifier and ADC supply
3.3 V
Peak current to be measured from load to ground
12 A
Peak current to be measured from ground to load
8 A
Accuracy of current measurement
0.1%
Maximum tolerable setting time
1 µs
Current sensing direction
Bidirectional
8.2.2.2 Detailed Design Procedure
The design requirements mentioned in Design Requirements help in designing the complete signal chain. The
aim of the schematic (Figure 7) is to measure bidirectional current with relatively high accuracy in a low-side-
sensing-based, high-frequency switching system.
As shown in Figure 7, a single op amp of high bandwidth is capable of accurately sensing current in a high-
frequency switching circuit along with driving the consecutive SAR ADC.
Equation 2 gives the output of the OPA607 (VOUT ) in Figure 7.
VOUT = (20 kΩ / 1 kΩ × ISH × RSH) + VREF
where
•
ISH = ISHUNT and RSH = RSHUNT
(2)
As shown Figure 7, the reference voltage applied is 1.24 V. In Equation 2, when the ISH flowing across RSH
equals zero, the output of the difference amplifier is by default biased at a voltage equal to 1.24 V.
When the current (ISH) flows from load to GND, the output of the OPA607 rises above 1.24 V with a value equal
to 20 × VSH where:
VSH = RSH × ISH
(3)
Similarly, when the current flows from GND to load (in the opposite direction) the output of the OPA607 goes
below 1.24 V with a value proportional to 20 × VSH.
The required peak current to be measured is 12 A in the first direction (load to GND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com