Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPA607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 3Page - Texas Instruments OPA607 Datasheet HTML 4Page - Texas Instruments OPA607 Datasheet HTML 5Page - Texas Instruments OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments OPA607 Datasheet HTML 10Page - Texas Instruments OPA607 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
+
±
VIN
RO
CL
10 k
VOUT
OPA607
IOVERLOAD
10mA max
Rf
Rg
7
OPA607
www.ti.com
SBOS981 – OCTOBER 2019
Product Folder Links: OPA607
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Rail-to-Rail Output and Driving Capacitive Loads
Designed as a low-power, low-voltage operational amplifier, the OPA607 delivers a robust output drive capability.
For resistive loads of 10 kΩ, the output swings to within a few millivolts of either supply rail, regardless of the
applied power-supply voltage. Different load conditions change the ability of the amplifier to swing close to the
rails. The OPA607 drives up to a nominal capacitive load of 10 pF on the output with no special consideration
and without the need of a series isolation resistor RO. When driving capacitive loads greater than 10 pF, TI
recommends using RO as shown in Figure 1 in series with the output as close to the device as possible. Without
RO, the external capacitance (CL) interacts with the output impedance (ZO) of the amplifier, resulting in stability
issues. Inserting RO isolates CL from ZO and restores the phase margin. Figure 1 shows the test circuit.
Figure 1. Input Current Protection and Driving Capacitive Loads
7.3.3 Input and ESD Protection
When the primary design goal is a linear amplifier with high CMRR, do not exceed the op amp input common-
mode voltage range (VCM). This CMRR is used to set the common-mode input range specifications in the
Electrical Characteristics table. The typical specifications for the OPA607 are from the negative rail to 1.1 V
below the positive rail. Assuming the op amp is in linear operation, the voltage difference between the input pins
is small (ideally 0 V) and the input common-mode voltage can be analyzed at either input pin; the other input pin
is assumed to be at the same potential. The voltage at VIN+ is easy to evaluate. In a noninverting configuration
(Figure 1) the input signal, VIN+, must not exceed the VCM rating. However, in an inverting amplifier configuration,
VIN+ must be connected to the voltage within VCM. The input signal applied at VIN- can be any voltage, such that
the output voltage swings with a headroom of 10mV from either of the supply rails.
The input voltage limits have fixed headroom to the power rails and track the power-supply voltages. For single
5-V supply, the linear input voltage range is 0 V to 3.9 V and with a 2.2-V supply this range is 0 V to 1.1 V. The
headroom to each power-supply rail is the same in either case: 0 V and 1.1 V.
The OPA607 also incorporates internal electrostatic discharge (ESD) protection circuits on all pins. For the input
and output pins, this protection primarily consists of current-steering diodes connected between the input and
power-supply pins. These ESD protection diodes also provide input overdrive protection, as long as the current is
limited with a series resistor to 10 mA, as stated in the Absolute Maximum Ratings table. Figure 1 shows a series
input resistor can be added to the driven input to limit the input current. The series input resistor also serves to
cancel input offset voltage resulting from bias current, as detailed in the Device Functional Modes section of the
OPA2834 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com