Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPA607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 10Page - Texas Instruments OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments OPA607 Datasheet HTML 15Page - Texas Instruments OPA607 Datasheet HTML 16Page - Texas Instruments OPA607 Datasheet HTML 17Page - Texas Instruments OPA607 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Time (50 msec/Div)
D004
Current waveform
14
OPA607
SBOS981 – OCTOBER 2019
www.ti.com
Product Folder Links: OPA607
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 8. Low-Side Current-Sensing Waveform in a BLDC Motor Control
An ADC capturing the data at 500 kSPS puts out a sampled data one time every 2 µs. Because the minimum
current pulse duration while running at a 5% duty cycle is 2.5 µs, a 500-kSPS sampling rate ADC is sufficient for
this BLDC current-sensing application. The ADS7042 is a low-power, 12-bit, 1-MSPS, SAR ADC. The ADS7042
is operated at 500 kSPS via SCLK at a frequency of 12.5 MHz, which is a standard clock frequency available for
SPI communications. For an ADC running at a sampling rate of 500 kSPS on a clock of 12.5 MHz, the bandwidth
of the op amp required to drive such an ADC is approximately 2.7 MHz. See the TI precision lab videos on
driving SAR ADCs to understand the underlying calculation. The OPA607 has a GBW of 50 MHz. With a gain of
20 V/V, the effective bandwidth available with the OPA607 comes out to approximately 2.5 MHz, making the
device the most suitable, cost-optimized amplifier for this application. The RC (240 Ω and 688 pF in Figure 7)
charge bucket designed at the input of the SAR ADC is also derived from the calculations provided in the SAR
ADC precision lab videos. The fundamental concept behind the design of this charge bucket is to ensure that the
acquisition capacitor is charged up to the required final voltage within the acquisition window of the ADC.
The ADS7042 samples at 500 kSPS with a 12.5-MHz clock, which translates to a conversion time of 1 µs out of
the total time period of 2 µs (1 / 500 kHz). These calculations for different sampling rates and clock frequencies
can be found in the ADS7042 data sheet. With the conversion time of 1 µs out of the 2 µs, the OPA607 is left
with 1 µs to settle to the required accuracy of 0.1%. Because the full-scale voltage is assumed to be 3 V, an
accuracy of 0.1% translates to a maximum allowable error voltage of 3 mV. Thus, the OPA607 must settle to ±3
mV of its final intended value within 1 µs.
Figure 9 shows the TINA™ simulation plots for the OPA607 driving the ADS7042. Input voltage (red) is the
signal swing across the shunt resistance and the error signal (blue) is representative of the % error in the output
of the op amp. As shown at the initial region of the graph in Figure 9, at the time instant (to), the input signal
sharply transits from its lowermost point to the uppermost point. This transition can be considered as a short-
circuit event or step increase in current resulting from a sudden metal-oxide-semiconductor field-effect transistor
(MOSFET) switching. The output (black) waveform tries to follow the high slew rate input signal but is limited by
the effective bandwidth of the op amp used. Thus, a higher bandwidth op amp results in the output being able to
more closely track the input. The difference between the output and input is represented by the error waveform
and the goal of the design is to reduce this error to less than 0.1% within the acquisition window of the ADC. The
acquisition window of the ADC is shown in the yellow highlighted regions of Figure 9. Thus the % error signal
(blue) must settle down to less than 0.1% before the end of this 1-µs window (within the yellow marked region).
As illustrated in Figure 9, the error signal comfortably settles to the final value with an error % of –0.025%, which
is well within the required 0.1% accuracy. Thus, the OPA607 settles to 0.1% accuracy within 1 µs with a worst-
case, 0-V to 3-V full-scale transient output that is also in a gain configuration of 20 V/V. The OPA607 enables
single-sample settling for the ADS7042 running on a 12.5-MHz clock with 500 kSPS, thus making the device a
very cost-optimized, single amplifier solution.
Figure 10 gives the DC transfer characteristics of the circuit in Figure 7. As per the parameters from Table 2 the
current across RSH is varied in both directions and the voltage at the output of the OPA607 is measured.
Equation 7 describes the relation between the output of the OPA607 and the ISH current:
VO = (20 × ISH × 7 mΩ) + 1.24 V
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com