Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPA607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 5Page - Texas Instruments OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments OPA607 Datasheet HTML 10Page - Texas Instruments OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Bias
+
±
RF
OPA607
Signal and bias to
next stage
Gain × VSIG
VSIG
5 V
VOUT
Signal and bias from
previous stage
RG
Gain × Bias
+
±
RF
OPA607
2.5 V
VOUT
RG
-2.5 V
Signal and bias to
next stage
Gain × VSIG
Gain × Bias
Bias
VSIG
Signal and bias from
previous stage
9
OPA607
www.ti.com
SBOS981 – OCTOBER 2019
Product Folder Links: OPA607
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.4 Device Functional Modes
The OPA607 has two functional modes: normal operating mode and power-down (PD) mode.
7.4.1 Normal Operating Mode
The OPA607 is operational when the power-supply voltage is between 2.2 V (±1.1 V) and 5.5 V (±2.75 V). Most
newer systems use a single power supply to improve efficiency and simplify the power tree design. The OPA607
can be used with a single-supply power (VS– connected to GND) with no change in performance from split
supply, as long as the input and output pins are biased within the linear operating region of the device. The valid
input and output voltage ranges are given in the Electrical Characteristics table. The outputs nominally swing rail-
to-rail with approximately 10-mV headroom required for linear operation. The inputs can typically swing up to the
negative rail (typically ground) and to within 1.1 V from the positive supply. Figure 3 shows changing from a ±2.5-
V split supply to a 5-V single-supply.
Figure 3. Single-Supply and Dual-Supply Operation
7.4.2 Power-Down Mode
The OPA607 features a power-down mode for power critical applications. Under logic control, the amplifier can
be switched from normal operation (consuming
≤ 1 mA) to a power-down current of less than 1 µA. When the PD
pin is connected high, the amplifier is active. Connecting the PD pin to logic low disables the amplifier and places
the output in a high-impedance state. The output of an op amp is high impedance similar to a tri-state high-
impedance gate under a power-down condition; however, the feedback network behaves as a parallel load. If the
power-down mode is not used, connect PD to the positive supply pin or leave floating. See the Power Down
(Device Enabled When Floating) section in the Electrical Characteristics table for the enable and disable
threshold voltages. The PD pin can be left floating to keep the op amp always enabled, which is primarily
possible because of the presence of an internal pullup resistor within the op amp that, by default, always keeps
the PD pin weakly tied to VS+.
The PD logic states are transistor-transistor logic (TTL) with reference to the negative supply rail, VS-. When the
op amp is powered from a single supply and ground, driving from logic devices with similar VS+ voltages to the op
amp does not require any special consideration. When the op amp is powered from a split supply, VS- is below
ground and an open-collector type of interface with a pullup resistor is more appropriate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com