Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6421 Datasheet(PDF) 46 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 46 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 42Page - Texas Instruments PCI6421 Datasheet HTML 43Page - Texas Instruments PCI6421 Datasheet HTML 44Page - Texas Instruments PCI6421 Datasheet HTML 45Page - Texas Instruments PCI6421 Datasheet HTML 46Page - Texas Instruments PCI6421 Datasheet HTML 47Page - Texas Instruments PCI6421 Datasheet HTML 48Page - Texas Instruments PCI6421 Datasheet HTML 49Page - Texas Instruments PCI6421 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 204 page
background image
2−26
Table 2−15. Reserved Terminals
TERMINAL
DESCRIPTION
PIN STRAPPING
NAME
NO.
DESCRIPTION
PIN STRAPPING
RSVD
R19, U15, U17,
U18, V15, V18,
W15, W18
Reserved
Float
RSVD
P15, R12, R18,
U13, V13, V14,
V16, W14, W16
Reserved
Tie to GND
RSVD
M11
Reserved
Pullup to VCC through 1-kΩ resistor
RSVD
U19
Reserved
Pull directly to VCC
Table 2−16. SD/MMC Terminals
If any SD/MMC terminal is unused, then the terminal may be left floating.
TERMINAL
DESCRIPTION
I/O
INPUT
OUTPUT
PU/
POWER
EXTERNAL
NAME
NO.
DESCRIPTION
I/O
TYPE
INPUT
OUTPUT
PU/
PD
POWER
RAIL
EXTERNAL
COMPONENTS
MC_PWR_CTRL_0
MC_PWR_CTRL_1
F01
F02
Media card power control for flash media sockets.
O
LVCO1
Power switch or
FET to turn power
on to FM socket
SD_CD
E03
SD/MMC card detect. This input is asserted when
SD/MMC cards are inserted.
I
LVCI1
PU2
VCC
SD_CLK
J05, G05
SD flash clock. This output provides the SD/MMC
clock, which operates at 16 MHz.
I/O
TTLO2
SW2
VCC
SD_CMD
J03, F03
SD flash command. This signal provides the SD
command per the SD Memory Card Specifications.
I/O
TTLI2
TTLO2
SW2
VCC
SD_DAT3
SD_DAT2
SD_DAT1
SD_DAT0
J02, H05
J01, G03
J06, G02
H03, G01
SD flash data [3:0]. These signals provide the SD
data path per the SD Memory Card Specifications.
I/O
TTLI2
TTLO2
SW2
VCC
SD_WP
H07
SD write protect data. This signal indicates that the
media inserted in the socket is write protected.
I
TTLI2
SW2
VCC
Table 2−17. Memory Stick/PRO Terminals
If any Memory Stick/PRO terminal is unused, then the terminal may be left floating.
TERMINAL
DESCRIPTION
I/O
INPUT
OUTPUT
PU/
POWER
EXTERNAL
NAME
NO.
DESCRIPTION
I/O
TYPE
INPUT
OUTPUT
PU/
PD
POWER
RAIL
EXTERNAL
COMPONENTS
MC_PWR_CTRL_0
MC_PWR_CTRL_1
F01
F02
Media card power control for flash media sockets.
O
LVCO1
Power switch or
FET to turn power
on to FM socket
MS_BS
F03
Memory Stick bus state. This signal provides Memory
Stick bus state information.
I/O
TTLO2
SW2
VCC
MS_CD
F05
Media Card detect. This input is asserted when a
Memory Stick or Memory Stick Pro media is inserted.
I
LVCI1
PU2
VCC
MS_CLK
G05
Memory Stick clock. This output provides the MS clock,
which operates at 16 MHz.
I/O
TTLO2
SW2
VCC
MS_DATA3
MS_DATA2
MS_DATA1
H05
G03
G02
Memory Stick data [3:1]. These signals provide the
Memory Stick data path.
I/O
TTLI2
TTLO2
SW2
VCC
MS_SDIO (DATA0)
G01
Memory Stick serial data I/O. This signal provides
Memory Stick data input/output. Memory Stick data 0.
I/O
TTLI2
TTLO2
SW2
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com