Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6421 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 4Page - Texas Instruments PCI6421 Datasheet HTML 5Page - Texas Instruments PCI6421 Datasheet HTML 6Page - Texas Instruments PCI6421 Datasheet HTML 7Page - Texas Instruments PCI6421 Datasheet HTML 8Page - Texas Instruments PCI6421 Datasheet HTML 9Page - Texas Instruments PCI6421 Datasheet HTML 10Page - Texas Instruments PCI6421 Datasheet HTML 11Page - Texas Instruments PCI6421 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 204 page
background image
viii
Section
Title
Page
8.27
Slot 2 3.3-V Maximum Current Register
8−16
. . . . . . . . . . . . . . . . . . . . . . . .
8.28
Slot 3 3.3-V Maximum Current Register
8−17
. . . . . . . . . . . . . . . . . . . . . . . .
8.29
Slot 4 3.3-V Maximum Current Register
8−17
. . . . . . . . . . . . . . . . . . . . . . . .
8.30
Slot 5 3.3-V Maximum Current Register
8−17
. . . . . . . . . . . . . . . . . . . . . . . .
9
Smart Card Controller Programming Model
9−1
. . . . . . . . . . . . . . . . . . . . . . . . .
9.1
Vendor ID Register
9−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.2
Device ID Register
9−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.3
Command Register
9−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.4
Status Register
9−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.5
Class Code and Revision ID Register
9−5
. . . . . . . . . . . . . . . . . . . . . . . . . .
9.6
Latency Timer and Class Cache Line Size Register
9−5
. . . . . . . . . . . . . .
9.7
Header Type and BIST Register
9−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.8
Smart Card Base Address Register 0
9−6
. . . . . . . . . . . . . . . . . . . . . . . . . .
9.9
Smart Card Base Address Register 1−4
9−7
. . . . . . . . . . . . . . . . . . . . . . . .
9.10
Subsystem Vendor Identification Register
9−7
. . . . . . . . . . . . . . . . . . . . . . .
9.11
Subsystem Identification Register
9−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.12
Capabilities Pointer Register
9−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.13
Interrupt Line Register
9−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.14
Interrupt Pin Register
9−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.15
Minimum Grant Register
9−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.16
Maximum Latency Register
9−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.17
Capability ID and Next Item Pointer Registers
9−10
. . . . . . . . . . . . . . . . . . .
9.18
Power Management Capabilities Register
9−11
. . . . . . . . . . . . . . . . . . . . . .
9.19
Power Management Control and Status Register
9−12
. . . . . . . . . . . . . . . .
9.20
Power Management Bridge Support Extension Register
9−12
. . . . . . . . . .
9.21
Power Management Data Register
9−13
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.22
General Control Register
9−13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.23
Subsystem ID Alias Register
9−14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.24
Class Code Alias Register
9−14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.25
Smart Card Configuration 1 Register
9−15
. . . . . . . . . . . . . . . . . . . . . . . . . . .
9.26
Smart Card Configuration 2 Register
9−17
. . . . . . . . . . . . . . . . . . . . . . . . . . .
10 Electrical Characteristics
10−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.1
Absolute Maximum Ratings Over Operating Temperature Ranges
10−1
.
10.2
Recommended Operating Conditions
10−1
. . . . . . . . . . . . . . . . . . . . . . . . . .
10.3
Electrical Characteristics Over Recommended Operating
Conditions
10−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.4
Electrical Characteristics Over Recommended Ranges of Operating
Conditions
10−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.4.1
Device
10−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.4.2
Driver
10−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.4.3
Receiver
10−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.5
PCI Clock/Reset Timing Requirements Over Recommended Ranges
of Supply Voltage and Operating Free-Air Temperature
10−4
. . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com