Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6421 Datasheet(PDF) 96 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 96 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 92Page - Texas Instruments PCI6421 Datasheet HTML 93Page - Texas Instruments PCI6421 Datasheet HTML 94Page - Texas Instruments PCI6421 Datasheet HTML 95Page - Texas Instruments PCI6421 Datasheet HTML 96Page - Texas Instruments PCI6421 Datasheet HTML 97Page - Texas Instruments PCI6421 Datasheet HTML 98Page - Texas Instruments PCI6421 Datasheet HTML 99Page - Texas Instruments PCI6421 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 204 page
background image
4−20
Table 4−8. System Control Register Description (continued)
BIT
SIGNAL
TYPE
FUNCTION
4 ‡§
CB_DPAR
RW
CardBus data parity SERR signaling enable.
0 = CardBus data parity not signaled on PCI SERR signal (default)
1 = CardBus data parity signaled on PCI SERR signal
3 ‡§
RSVD
R
Reserved. This bit returns 0 when read.
2 ‡
EXCAPOWER
R
ExCA power control bit.
0 = Enables 3.3 V (default)
1 = Enables 5 V
1 ‡§
KEEPCLK
RW
Keep clock. When this bit is set, the PCI6x21/PCI6x11 controller follows the CLKRUN protocol to
maintain the system PCLK and the CCLK (CardBus clock). This bit is global to the PCI6x21/PCI6x11
functions.
0 = Allow system PCLK and CCLK clocks to stop (default)
1 = Never allow system PCLK or CCLK clock to stop
Note that the functionality of this bit has changed relative to that of the PCI12XX family of TI CardBus
controllers. In these CardBus controllers, setting this bit only maintains the PCI clock, not the CCLK.
In the PCI6x21/PCI6x11 controller, setting this bit maintains both the PCI clock and the CCLK.
0 ‡§
RIMUX
RW
PME/RI_OUT select bit. When this bit is 1, the PME signal is routed to the PME/RI_OUT terminal (R03).
When this bit is 0 and bit 7 (RIENB) of the card control register is 1, the RI_OUT signal is routed to the
PME/RI_OUT terminal. If this bit is 0 and bit 7 (RIENB) of the card control register is 0, then the output
is placed in a high-impedance state. This terminal is encoded as:
0 = RI_OUT signal is routed to the PME/RI_OUT terminal if bit 7 of the card control register is 1.
(default)
1 = PME signal is routed to the PME/RI_OUT terminal of the PCI6x21/PCI6x11 controller.
NOTE: If this bit (bit 0) is 0 and bit 7 of the card control register (PCI offset 91h, see Section 4.38) is
0, then the output on the PME/RI_OUT terminal is placed in a high-impedance state.
‡ One or more bits in this register are cleared only by the assertion of GRST.
§ These bits are global in nature and must be accessed only through function 0.
4.30 MC_CD Debounce Register
This register provides debounce time in units of 2 ms for the MC_CD signal on UltraMedia cards. This register defaults
to 19h, which gives a default debounce time of 50 ms. All bits in this register are reset by GRST only.
Bit
7
6
5
4
3
2
1
0
Name
MC_CD debounce
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
1
1
0
0
1
Register:
MC_CD debounce
Offset:
84h (Functions 0, 1)
Type:
Read/Write
Default:
19h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com