Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6421 Datasheet(PDF) 18 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 14Page - Texas Instruments PCI6421 Datasheet HTML 15Page - Texas Instruments PCI6421 Datasheet HTML 16Page - Texas Instruments PCI6421 Datasheet HTML 17Page - Texas Instruments PCI6421 Datasheet HTML 18Page - Texas Instruments PCI6421 Datasheet HTML 19Page - Texas Instruments PCI6421 Datasheet HTML 20Page - Texas Instruments PCI6421 Datasheet HTML 21Page - Texas Instruments PCI6421 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 204 page
background image
1−4
•
Supports serialized IRQ with PCI interrupts
•
Programmable multifunction terminals
•
Many interrupt modes supported
•
Serial ROM interface for loading subsystem ID and subsystem vendor ID
•
ExCA-compatible registers are mapped in memory or I/O space
•
Intel 82365SL-DF register compatible
•
Supports ring indicate, SUSPEND, and PCI CLKRUN protocols and PCI bus Lock (LOCK)
•
Provides VGA/palette memory and I/O, and subtractive decoding options, LED activity terminals
•
Compliant with Intel Mobile Power Guideline 2000
•
Power-down features to conserve energy in battery-powered applications include: automatic device power
down during suspend
•
PCI power-management D0, D1, D2, and D3 power states
•
Advanced submicron, low-power CMOS technology
1.3
Related Documents
•
Advanced Configuration and Power Interface (ACPI) Specification (Revision 2.0)
•
PC Card Standard (Release 8.1)
•
PCI Bus Power Management Interface Specification (Revision 1.1)
•
Serial Bus Protocol 2 (SBP-2)
•
Serialized IRQ Support for PCI Systems
•
PCI Mobile Design Guide
•
PCI Bus Power Management Interface Specification for PCI to CardBus Bridges
•
PCI14xx Implementation Guide for D3 Wake-Up
•
PCI to PCMCIA CardBus Bridge Register Description
•
Texas Instruments TPS2224 and TPS2226 product data sheet, SLVS317
•
Texas Instruments TPS2223A product data sheet, SLVS428
•
Texas Instruments TPS2228 product data sheet, SLVS419
•
PCI Local Bus Specification (Revision 2.3)
•
PCMCIA Proposal (262)
•
The Multimedia Card System Specification, Version 3.31
•
SD Memory Card Specifications, SD Group, March 2000
•
Memory Stick Format Specification, Version 2.0 (Memory Stick-Pro)
•
ISO Standards for Identification Cards ISO/IEC 7816
•
SD Host Controller Standard Specification, rev. 1.0
•
Memory Stick Format Specification, Sony Confidential, ver. 2.0
•
SmartMedia Standard 2000, May 19, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com