Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6421 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 9Page - Texas Instruments PCI6421 Datasheet HTML 10Page - Texas Instruments PCI6421 Datasheet HTML 11Page - Texas Instruments PCI6421 Datasheet HTML 12Page - Texas Instruments PCI6421 Datasheet HTML 13Page - Texas Instruments PCI6421 Datasheet HTML 14Page - Texas Instruments PCI6421 Datasheet HTML 15Page - Texas Instruments PCI6421 Datasheet HTML 16Page - Texas Instruments PCI6421 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 204 page
background image
xiii
Table
Title
Page
5−15
ExCA Global Control Register Description
5−22
. . . . . . . . . . . . . . . . . . . . . . . . .
6−1
CardBus Socket Registers
6−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6−2
Socket Event Register Description
6−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6−3
Socket Mask Register Description
6−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6−4
Socket Present State Register Description
6−4
. . . . . . . . . . . . . . . . . . . . . . . . .
6−5
Socket Force Event Register Description
6−6
. . . . . . . . . . . . . . . . . . . . . . . . . .
6−6
Socket Control Register Description
6−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6−7
Socket Power Management Register Description
6−8
. . . . . . . . . . . . . . . . . . .
7−1
Function 3 Configuration Register Map
7−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
7−2
Command Register Description
7−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7−3
Status Register Description
7−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7−4
Class Code and Revision ID Register Description
7−5
. . . . . . . . . . . . . . . . . . .
7−5
Latency Timer and Class Cache Line Size Register Description
7−5
. . . . . . .
7−6
Header Type and BIST Register Description
7−6
. . . . . . . . . . . . . . . . . . . . . . . .
7−7
Flash Media Base Address Register Description
7−6
. . . . . . . . . . . . . . . . . . . .
7−8
PCI Interrupt Pin Register
7−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7−9
Minimum Grant Register Description
7−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7−10
Maximum Latency Register Description
7−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
7−11
Capability ID and Next Item Pointer Registers Description
7−10
. . . . . . . . . . . .
7−12
Power Management Capabilities Register Description
7−11
. . . . . . . . . . . . . . .
7−13
Power Management Control and Status Register Description
7−12
. . . . . . . . .
7−14
General Control Register
7−13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7−15
Subsystem Access Register Description
7−14
. . . . . . . . . . . . . . . . . . . . . . . . . . .
7−16
Diagnostic Register Description
7−15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8−1
Function 4 Configuration Register Map
8−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
8−2
Command Register Description
8−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8−3
Status Register Description
8−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8−4
Class Code and Revision ID Register Description
8−5
. . . . . . . . . . . . . . . . . . .
8−5
Latency Timer and Class Cache Line Size Register Description
8−6
. . . . . . .
8−6
Header Type and BIST Register Description
8−6
. . . . . . . . . . . . . . . . . . . . . . . .
8−7
SD host Base Address Register Description
8−7
. . . . . . . . . . . . . . . . . . . . . . . .
8−8
PCI Interrupt Pin Register
8−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8−9
Minimum Grant Register Description
8−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8−10
Maximum Latency Register Description
8−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
8−11
Maximum Latency Register Description
8−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
8−12
Capability ID and Next Item Pointer Registers Description
8−11
. . . . . . . . . . . .
8−13
Power Management Capabilities Register Description
8−12
. . . . . . . . . . . . . . .
8−14
Power Management Control and Status Register Description
8−13
. . . . . . . . .
8−15
General Control Register
8−14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8−16
Subsystem Access Register Description
8−15
. . . . . . . . . . . . . . . . . . . . . . . . . . .
8−17
Diagnostic Register Description
8−15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9−1
Function 5 Configuration Register Map
9−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
9−2
Command Register Description
9−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com