Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLCC-LD Datasheet(PDF) 3 Page - AVX Corporation

Part # MLCC-LD
Description  MLCC Tin/Lead Termination "B" (LD Series)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MLCC-LD Datasheet(HTML) 3 Page - AVX Corporation

  MLCC-LD Datasheet HTML 1Page - AVX Corporation MLCC-LD Datasheet HTML 2Page - AVX Corporation MLCC-LD Datasheet HTML 3Page - AVX Corporation MLCC-LD Datasheet HTML 4Page - AVX Corporation MLCC-LD Datasheet HTML 5Page - AVX Corporation MLCC-LD Datasheet HTML 6Page - AVX Corporation MLCC-LD Datasheet HTML 7Page - AVX Corporation MLCC-LD Datasheet HTML 8Page - AVX Corporation MLCC-LD Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
41
MLCC Tin/Lead Termination “B”
SIZE
LD02
LD03
LD05
LD06
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
mm
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
W) Width
mm
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t) Terminal
mm
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
16
25
50
16
25
50
100
16
25
50
100
200
16
25
50
100
200
500
Cap
0.5
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
(pF)
1.0
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.2
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.5
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.8
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.2
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.7
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.3
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.9
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
4.7
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
5.6
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
6.8
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
8.2
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
10
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
12
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
15
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
18
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
22
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
27
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
33
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
39
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
47
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
56
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
68
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
82
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
100
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
120
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
150
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
180
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
220
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
270
C
C
C
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
330
C
C
C
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
390
C
C
C
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
470
C
C
C
G
G
G
J
J
J
J
M
J
J
J
J
J
M
560
G
G
G
J
J
J
J
M
J
J
J
J
J
M
680
G
G
G
J
J
J
J
J
J
J
J
J
P
820
G
G
G
J
J
J
J
J
J
J
J
M
1000
G
G
G
J
J
J
J
J
J
J
J
Q
1200
G
J
J
J
J
J
J
J
Q
1500
J
J
J
J
J
J
M
Q
1800
J
J
J
J
J
M
M
2200
J
J
N
J
J
M
P
2700
J
J
N
J
J
M
P
3300
J
J
J
J
M
P
3900
J
J
J
J
M
P
4700
J
J
J
J
M
P
5600
J
J
M
6800
M
M
8200
M
M
Cap
0.010
M
M
(pF)
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.068
0.082
0.1
WVDC
16
25
50
16
25
50
100
16
25
50
100
200
16
25
50
100
200
500
SIZE
LD02
LD03
LD05
LD06
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
PREFERRED SIZES ARE SHADED
112916
Capacitance Range
C0G (NP0) –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com