Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLCC-LD Datasheet(PDF) 13 Page - AVX Corporation

Part # MLCC-LD
Description  MLCC Tin/Lead Termination "B" (LD Series)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MLCC-LD Datasheet(HTML) 13 Page - AVX Corporation

Back Button MLCC-LD Datasheet HTML 6Page - AVX Corporation MLCC-LD Datasheet HTML 7Page - AVX Corporation MLCC-LD Datasheet HTML 8Page - AVX Corporation MLCC-LD Datasheet HTML 9Page - AVX Corporation MLCC-LD Datasheet HTML 10Page - AVX Corporation MLCC-LD Datasheet HTML 11Page - AVX Corporation MLCC-LD Datasheet HTML 12Page - AVX Corporation MLCC-LD Datasheet HTML 13Page - AVX Corporation MLCC-LD Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
51
MLCC Tin/Lead Termination “B”
Parameter/Test
X5R Specification Limits
Measuring Conditions
Operating Temperature Range
-55ºC to +85ºC
Temperature Cycle Chamber
Capacitance
Within specified tolerance
Freq.: 1.0 kHz ± 10%
Voltage: 1.0Vrms ± .2V
For Cap > 10 μF, 0.5Vrms @ 120Hz
Dissipation Factor
≤ 2.5% for ≥ 50V DC rating
≤ 3.0% for 25V, 35V DC rating
≤ 12.5% Max. for 16V DC rating and lower Contact
Factory for DF by PN
Insulation Resistance
10,000MΩ or 500MΩ - μF,
whichever is less
Charge device with rated voltage for
120 ± 5 secs @ room temp/humidity
Dielectric Strength
No breakdown or visual defects
Charge device with 250% of rated voltage for
1-5 seconds, w/charge and discharge current
limited to 50 mA (max)
Resistance to
Flexure
Stresses
Appearance
No defects
Deflection: 2mm
Test Time: 30 seconds
Capacitance
Variation
≤ ±12%
Dissipation
Factor
Meets Initial Values (As Above)
Insulation
Resistance
≥ Initial Value x 0.3
Solderability
≥ 95% of each terminal should be covered
with fresh solder
Dip device in eutectic solder at 230 ± 5ºC
for 5.0 ± 0.5 seconds
Resistance to
Solder Heat
Appearance
No defects, <25% leaching of either end terminal
Dip device in eutectic solder at 260ºC for 60
seconds. Store at room temperature for 24 ± 2
hours before measuring electrical properties.
Capacitance
Variation
≤ ±7.5%
Dissipation
Factor
Meets Initial Values (As Above)
Insulation
Resistance
Meets Initial Values (As Above)
Dielectric
Strength
Meets Initial Values (As Above)
Thermal Shock
Appearance
No visual defects
Step 1: -55ºC ± 2º
30 ± 3 minutes
Capacitance
Variation
≤ ±7.5%
Step 2: Room Temp
≤ 3 minutes
Dissipation
Factor
Meets Initial Values (As Above)
Step 3: +85ºC ± 2º
30 ± 3 minutes
Insulation
Resistance
Meets Initial Values (As Above)
Step 4: Room Temp
≤ 3 minutes
Dielectric
Strength
Meets Initial Values (As Above)
Repeat for 5 cycles and measure after
24 ± 2 hours at room temperature
Load Life
Appearance
No visual defects
Charge device with 1.5X rated voltage in test
chamber set at 85ºC ± 2ºC for 1000 hours
(+48, -0). Note: Contact factory for *optional
specification part numbers that are tested at
< 1.5X rated voltage.
Remove from test chamber and stabilize at room
temperature for 24 ± 2 hours before measuring.
Capacitance
Variation
≤ ±12.5%
Dissipation
Factor
≤ Initial Value x 2.0 (See Above)
Insulation
Resistance
≥ Initial Value x 0.3 (See Above)
Dielectric
Strength
Meets Initial Values (As Above)
Load
Humidity
Appearance
No visual defects
Store in a test chamber set at 85ºC ± 2ºC/ 85% ±
5% relative humidity for 1000 hours
(+48, -0) with rated voltage applied.
Remove from chamber and stabilize at room
temperature and humidity for
24 ± 2 hours before measuring.
Capacitance
Variation
≤ ±12.5%
Dissipation
Factor
≤ Initial Value x 2.0 (See Above)
Insulation
Resistance
≥ Initial Value x 0.3 (See Above)
Dielectric
Strength
Meets Initial Values (As Above)
112916
Specifications and Test Methods
X5R –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com