Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLCC-LD Datasheet(PDF) 12 Page - AVX Corporation

Part # MLCC-LD
Description  MLCC Tin/Lead Termination "B" (LD Series)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MLCC-LD Datasheet(HTML) 12 Page - AVX Corporation

Back Button MLCC-LD Datasheet HTML 6Page - AVX Corporation MLCC-LD Datasheet HTML 7Page - AVX Corporation MLCC-LD Datasheet HTML 8Page - AVX Corporation MLCC-LD Datasheet HTML 9Page - AVX Corporation MLCC-LD Datasheet HTML 10Page - AVX Corporation MLCC-LD Datasheet HTML 11Page - AVX Corporation MLCC-LD Datasheet HTML 12Page - AVX Corporation MLCC-LD Datasheet HTML 13Page - AVX Corporation MLCC-LD Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
50
MLCC Tin/Lead Termination “B”
PART NUMBER (SEE PAGE 4 FOR COMPLETE PART NUMBER EXPLANATION)
TYPICAL ELECTRICAL CHARACTERISTICS
LD05
5
D
J
A
2
A
B
101
Dielectric
X5R = D
Capacitance
Tolerance
B = ±.10 pF (<10pF)
C = ±.25 pF (<10pF)
D = ±.50 pF (<10pF)
F = ±1% (≥ 10 pF)
G = ±2% (≥ 10 pF)
J = ±5%
K = ±10%
M = ±20%
Failure
Rate
A = Not
Applicable
Packaging
2 = 7" Reel
4 = 13" Reel
Special
Code
A = Std.
Product
Terminations
B= 5%minlead
X= FLEXITERM®
with5%min
lead**
**X7R only
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
Voltage
6.3V = 6
10V = Z
16V = Y
25V = 3
35V = D
50V = 5
100V = 1
200V = 2
500V = 7
AVX Corporation will support those customers for commercial and military Multilayer Ceramic Capacitors
with a termination consisting of 5% minimum lead. This termination is indicated by the use of a “B” in the
12th position of the AVX Catalog Part Number. This fulfills AVX’s commitment to providing a full range
of products to our customers. AVX has provided in the following pages a full range of values that we
are currently offering in this special “B” termination. Please contact the factory if you require additional
information on our MLCC Tin/Lead Termination “B” products.
Contact Factory
For
Multiples*
*LD04 has the same CV ranges as LD03.
NOTE: Contact factory for availability of Tolerance Options for Specific Part Numbers.
Contact factory for non-specified capacitance values.
See FLEXITERM® section for CV options
Size
LD02 - 0402
LD03 - 0603
LD04 - 0504*
LD05 - 0805
LD06 - 1206
LD10 - 1210
LD12 - 1812
LD13 - 1825
LD14 - 2225
LD20 - 2220
-60
-40
-20
0
+20
+40 +60
+80
Temperature
°C
Temperature Coefficient
20
15
10
5
0
-5
-10
-15
-20
1,000
10,000
100
0
Insulation Resistance vs Temperature
0
20
120
40
60
80
Temperature
°C
100
112916
General Specifications
X5R –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com