Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLCC-LD Datasheet(PDF) 10 Page - AVX Corporation

Part # MLCC-LD
Description  MLCC Tin/Lead Termination "B" (LD Series)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MLCC-LD Datasheet(HTML) 10 Page - AVX Corporation

Back Button MLCC-LD Datasheet HTML 6Page - AVX Corporation MLCC-LD Datasheet HTML 7Page - AVX Corporation MLCC-LD Datasheet HTML 8Page - AVX Corporation MLCC-LD Datasheet HTML 9Page - AVX Corporation MLCC-LD Datasheet HTML 10Page - AVX Corporation MLCC-LD Datasheet HTML 11Page - AVX Corporation MLCC-LD Datasheet HTML 12Page - AVX Corporation MLCC-LD Datasheet HTML 13Page - AVX Corporation MLCC-LD Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
48
MLCC Tin/Lead Termination “B”
SIZE
LD02
LD03
LD05
LD06
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
mm
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.) (0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
W) Width
mm
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.) (0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t) Terminal
mm
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.) (0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
16
25
50
6.3
10
16
25
50
100 200 6.3
10
16
25
50
100 200 6.3
10
16
25
50
100 200 500
Cap
100
(pF)
150
220
C
330
C
G
G
G
J
J
J
J
J
J
K
470
C
G
G
G
J
J
J
J
J
J
K
680
C
G
G
G
J
J
J
J
J
J
K
1000
C
G
G
G
J
J
J
J
J
J
K
1500
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
2200
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
3300
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
4700
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
6800
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
P
Cap
0.010
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
P
(μF)
0.015
C
G
G
J
J
J
J
J
J
J
J
J
J
J
M
0.022
C
G
G
J
J
J
J
J
N
J
J
J
J
J
M
0.033
C
G
G
J
J
J
J
N
J
J
J
J
J
M
0.047
G
G
G
J
J
J
J
N
J
J
J
J
J
M
0.068
G
G
G
J
J
J
J
N
J
J
J
J
J
P
0.10
C*
G
G
G
G
J
J
J
J
N
J
J
J
J
P
P
0.15
G
G
J
J
J
N
N
J
J
J
J
Q
0.22
G
G
J
J
N
N
N
J
J
J
J
Q
0.33
N
N
N
N
N
J
J
M
P
Q
0.47
J*
N
N
N
N
N
M
M
M
P
Q
0.68
N
N
N
M
M
Q
Q
Q
1.0
J*
J*
N
N
N*
M
M
Q
Q
Q
1.5
P
Q
Q
2.2
J*
P*
Q
Q
Q
3.3
4.7
P*
P*
Q*
Q*
Q*
10
P*
P
Q*
Q*
Q
22
Q*
47
100
WVDC 16
25
50
6.3
10
16
25
50
100 200 6.3
10
16
25
50
100 200 6.3
10
16
25
50
100 200 500
SIZE
LD02
LD03
LD05
LD06
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110)
PAPER
EMBOSSED
PREFERRED SIZES ARE SHADED
= Under Development
112916
Capacitance Range
X7R –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com