Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLCC-LD Datasheet(PDF) 11 Page - AVX Corporation

Part # MLCC-LD
Description  MLCC Tin/Lead Termination "B" (LD Series)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MLCC-LD Datasheet(HTML) 11 Page - AVX Corporation

Back Button MLCC-LD Datasheet HTML 6Page - AVX Corporation MLCC-LD Datasheet HTML 7Page - AVX Corporation MLCC-LD Datasheet HTML 8Page - AVX Corporation MLCC-LD Datasheet HTML 9Page - AVX Corporation MLCC-LD Datasheet HTML 10Page - AVX Corporation MLCC-LD Datasheet HTML 11Page - AVX Corporation MLCC-LD Datasheet HTML 12Page - AVX Corporation MLCC-LD Datasheet HTML 13Page - AVX Corporation MLCC-LD Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
49
MLCC Tin/Lead Termination “B”
X7R – Capacitance Range
SIZE
LD10
LD12
LD13
LD20
LD14
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
mm
3.20 + 0.20
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.225 ± 0.016)
(0.225 ± 0.010)
W) Width
mm
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.00 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t) Terminal
mm
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
10
16
25
50
100
200
500
50
100
200
500
50
100
25
50
100
200
50
100
Cap
100
(pF)
150
220
330
470
680
1000
1500
J
J
J
J
J
J
M
2200
J
J
J
J
J
J
M
3300
J
J
J
J
J
J
M
4700
J
J
J
J
J
J
M
6800
J
J
J
J
J
J
M
Cap
0.010
J
J
J
J
J
J
M
K
K
K
K
M
M
X
X
X
M
P
(μF)
0.015
J
J
J
J
J
J
P
K
K
K
P
M
M
X
X
X
M
P
0.022
J
J
J
J
J
J
Q
K
K
K
P
M
M
X
X
X
M
P
0.033
J
J
J
J
J
J
Q
K
K
K
X
M
M
X
X
X
M
P
0.047
J
J
J
J
J
J
K
K
K
Z
M
M
X
X
X
M
P
0.068
J
J
J
J
J
M
K
K
K
Z
M
M
X
X
X
M
P
0.10
J
J
J
J
J
M
K
K
K
Z
M
M
X
X
X
M
P
0.15
J
J
J
J
M
Z
K
K
P
M
M
X
X
X
M
P
0.22
J
J
J
J
P
Z
K
K
P
M
M
X
X
X
M
P
0.33
J
J
J
J
Q
K
M
X
M
M
X
X
X
M
P
0.47
M
M
M
M
Q
K
P
M
M
X
X
X
M
P
0.68
M
M
P
X
X
M
Q
M
P
X
X
M
P
1.0
N
N
P
X
Z
M
X
M
P
X
X
M
P
1.5
N
N
Z
Z
Z
Z
Z
M
X
X
M
X
2.2
X
X
Z
Z
Z
Z
Z
X
X
M
3.3
X
X
Z
Z
Z
X
Z
4.7
X
X
Z
Z
Z
X
Z
10
Z
Z
Z
Z
Z
Z
22
Z
Z
Z
47
100
WVDC
10
16
25
50
100
200
500
50
100
200
500
50
100
25
50
100
200
50
100
SIZE
LD10
LD12
LD13
LD20
LD14
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110)
PAPER
EMBOSSED
PREFERRED SIZES ARE SHADED
112916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com