Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44L11 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS44L11
Description  Low Voltage Class-D PWM Headphone Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L11 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS44L11 Datasheet HTML 10Page - Cirrus Logic CS44L11 Datasheet HTML 11Page - Cirrus Logic CS44L11 Datasheet HTML 12Page - Cirrus Logic CS44L11 Datasheet HTML 13Page - Cirrus Logic CS44L11 Datasheet HTML 14Page - Cirrus Logic CS44L11 Datasheet HTML 15Page - Cirrus Logic CS44L11 Datasheet HTML 16Page - Cirrus Logic CS44L11 Datasheet HTML 17Page - Cirrus Logic CS44L11 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
14
DS640PP4
CS44L11
DC-blocking capacitor during power transients. On power transitions, the output will quickly change to the
bias point; however, if the DC-blocking capacitor still has a full charge, as in short power cycles, the tran-
sition will be very small, often inaudible. Refer to Section 6.4.
4.1.4
Ramp-Up Bypass (RUPBYP)
Default = 0
0 - Normal
1 - Bypass
Function:
When in normal mode, the duty cycle of the output PWM signal is increased at a rate determined by the
Ramp Speed variable (RMP_SPx). Normal mode is used in Single-Ended applications to reduce pops in
the output caused by the DC-blocking capacitor. When the ramp-up function is bypassed in Single-Ended
applications, there will be an abrupt change in the output signal. Refer to Section 6.4.
4.1.5
Ramp-Down Bypass (RDNBYP)
Default = 0
0 - Disabled
1 - Enabled
Function:
When in normal mode, the duty cycle of the output PWM signal is decreased at a rate determined by the
Ramp Speed variable (RMP_SPx). Normal mode is used in Single-Ended applications to reduce pops in
the output caused by the DC-blocking capacitor and changes in bias conditions. When the ramp-down
function is bypassed in Single-Ended applications, there will be an abrupt change in the output signal.
Refer to Section 6.4.
4.2
Channel A Volume Control (address 03h) (VOLA)
4.3
Channel B Volume Control (address 04h) (VOLB)
Default = 0 dB (No attenuation)
Function:
The Volume Control registers allow independent control of the signal levels in 1 dB increments from +18 to
-96 dB. Volume settings are decoded using a 2’s complement code, as shown in Table 2. The volume
changes are implemented as dictated by the Soft and Zero Cross bits. All volume settings less than -96 dB
are equivalent to muting the channel via the ATAPI bits (see Section 4.8.2).
Note:
All volume settings greater than +18 dB are interpreted as +18 dB.
76
543
21
0
VOLx7
VOLx6
VOLx5
VOLx4
VOLx3
VOLx2
VOLx1
VOLx0
00
000
00
0
Binary Code
Decimal Value
Volume Setting
00001100
12
+12 dB
00000111
7
+7 dB
00000000
0
0 dB
11000100
-60
-60 dB
10100110
-90
-90 dB
Table 2. Example Volume Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com