Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44L11 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS44L11
Description  Low Voltage Class-D PWM Headphone Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L11 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS44L11 Datasheet HTML 16Page - Cirrus Logic CS44L11 Datasheet HTML 17Page - Cirrus Logic CS44L11 Datasheet HTML 18Page - Cirrus Logic CS44L11 Datasheet HTML 19Page - Cirrus Logic CS44L11 Datasheet HTML 20Page - Cirrus Logic CS44L11 Datasheet HTML 21Page - Cirrus Logic CS44L11 Datasheet HTML 22Page - Cirrus Logic CS44L11 Datasheet HTML 23Page - Cirrus Logic CS44L11 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
20
DS640PP4
CS44L11
4.9
Mode Control 2 (address 0Ah)
4.9.1
Master Clock Divide Enable (MCLKDIV)
Default = 0
Function:
The MCLKDIV bit enables a circuit which divides the externally applied MCLK signal by 2 prior to all other
internal circuitry. MCLKDIV, DBS, CLKDIV and FRQSFT are set per the user’s MCLK and LRCK require-
ments. Refer to Tables 11, 12, 13, and Section 6.2.
4.9.2
Clock Divide (CLKDIV)
Default = 00
Function:
MCLKDIV, DBS, CLKDIV and FRQSFT are set per the user’s MCLK and LRCK requirements. Refer to
Tables 11, 12, 13, and Section 6.2.
76
543
21
0
mclkdiv
CLKDV1
CLKDV0
DBS
FRQSFT1
FRQSFT0
DEM1
DEM0
00
00
00
0
0
Σ
HP_A
HP_B
Left Channel
Audio Data
Right Channel
Audio Data
Channel B
Digital
Volume
Control
EQ
Channel A
Digital
Volume
Control
EQ
& Mute
& Mute
Figure 5. Dynamics Control Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com