Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44L11 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS44L11
Description  Low Voltage Class-D PWM Headphone Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L11 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS44L11 Datasheet HTML 21Page - Cirrus Logic CS44L11 Datasheet HTML 22Page - Cirrus Logic CS44L11 Datasheet HTML 23Page - Cirrus Logic CS44L11 Datasheet HTML 24Page - Cirrus Logic CS44L11 Datasheet HTML 25Page - Cirrus Logic CS44L11 Datasheet HTML 26Page - Cirrus Logic CS44L11 Datasheet HTML 27Page - Cirrus Logic CS44L11 Datasheet HTML 28Page - Cirrus Logic CS44L11 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
DS640PP4
25
CS44L11
5. PIN DESCRIPTION
SDIN
1
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
LRCK
2
Left Right Clock (Input) - Determines which channel, Left or Right, is currently active on the serial
audio data line. The frequency of the left/right clock must be at the audio sample rate, Fs.
SCLK
3
Serial Clock (Input) - Serial clock for the serial audio interface.
MCLK
4
Master Clock (Input) - Clock source for the PWM modulator and digital filters.
Tables 11, 12, 13 and
14 illustrate several standard audio sample rates and required master clock frequencies.
VD
5
7
Digital Power (Input) - Positive power supply for the digital section. Refer to
"Specified Operating
Conditions" for appropriate voltages.
GND
6, 10
& 15
Ground (Input) - Ground Reference.
HP_A
HP_B
11
14
Headphone Outputs (Output) - PWM Headphone Outputs. An external LC filter should be added to
suppress high frequency switching noise. A DC blocking capacitor is also required. Refer to Typical
Connection Diagrams.
VA_HPA
VA_HPB
12
13
Headphone Amplifier Power (Input) - Positive power supply for the headphone amplifier. Refer to
"Specified Operating Conditions" for appropriate voltages.
RST
16
Reset (Input) - The device enters a low power mode and all internal registers are reset to their default
settings when low. The control port cannot be accessed when Reset is low. See
Section 6.5.
Control Port Definitions
SCL
8
Serial Control Port Clock (Input) - Serial clock for the serial control port. Requires an
external pull-up resistor to VD in I²C mode.
SDA
9
Serial Control Data (Input/Output) - SDA is a data I/O line in I²C mode and requires an external pull-up
resistor to the logic interface voltage.
Stand-Alone Definitions
DIF0
8
Digital Interface Format (Input) - The required relationship between the Left/Right clock, serial clock
and serial data is defined by the Digital Interface Format and the options are detailed below
DEM
9
De-emphasis Control (Input) - Selects the standard 15
µs/50 µs digital de-emphasis filter response at
44.1 kHz sample rates. NOTE: De-emphasis is not available in Double- or Quad-Speed Modes. When
DEM is grounded, de-emphasis is disabled.
Serial Data
SDIN
RST
Reset
Left/Right Clock
LRCK
GND
Headphone B Ground
Serial Clock
SCLK
HP_B
Headphone B Output
Master Clock
MCLK
VA_HPB
Headphone B Power
Digital Power
VD
VA_HPA
Headphone A Power
Ground
GND
HP_A
Headphone A Output
Digital Power
VD
GND
Headphone A Ground
SCL/DIF0
SCL/DIF0
SDA/DEM
SDA/DEM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
DIF0
DESCRIPTION
FIGURE
0
I²S, up to 24-bit data
18
1
Right Justified, 16-bit Data
19
Table 14. Digital Interface Format (Stand-Alone Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com