Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44L11 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS44L11
Description  Low Voltage Class-D PWM Headphone Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L11 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS44L11 Datasheet HTML 12Page - Cirrus Logic CS44L11 Datasheet HTML 13Page - Cirrus Logic CS44L11 Datasheet HTML 14Page - Cirrus Logic CS44L11 Datasheet HTML 15Page - Cirrus Logic CS44L11 Datasheet HTML 16Page - Cirrus Logic CS44L11 Datasheet HTML 17Page - Cirrus Logic CS44L11 Datasheet HTML 18Page - Cirrus Logic CS44L11 Datasheet HTML 19Page - Cirrus Logic CS44L11 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
16
DS640PP4
CS44L11
4.5.1
Bass Boost Corner Frequency (BBCF)
Default = 00
00 - 50 Hz
01 - 100 Hz
10 - 200 Hz
11 - Reserved
Function:
The Bass Boost corner frequency is user-selectable. The corner frequency is a function of LRCK (sam-
pling frequency), the DBS bit and the BBCF bits as shown in Table 5 and Table 6.
4.5.2
Treble Boost Corner Frequency (TBCF)
Default = 00
00 - 2 kHz
01 - 4 kHz
10 - 7 kHz
11 - Reserved
Function:
The Treble Boost corner frequency is user selectable. The corner frequency is a function of LRCK (sam-
pling frequency) and the TBCF bits as shown in Table 7.
Note:
Treble Boost is not available in Double-Speed Mode.
BBCF
Fs
LRCK in Single-Speed Mode (DBS=0)
48 kHz
24 kHz
12 kHz
8 kHz
00
50 Hz
25 Hz
12.5 Hz
8.33 Hz
01
100 Hz
50 Hz
25 Hz
16.7 Hz
10
200 Hz
100 Hz
50 Hz
33.3 Hz
11
Reserved
Reserved
Reserved
Reserved
Table 5. Base Boost Corner Frequencies in Single-Speed Mode
BBCF
Fs
LRCK in Double-Speed Mode (DBS=1)
96 kHz
48 kHz
24 kHz
16 kHz
00
50 Hz
25 Hz
12.5 Hz
8.33 Hz
01
100 Hz
50 Hz
25 Hz
16.7 Hz
10
200 Hz
100 Hz
50 Hz
33.3 Hz
11
Reserved
Reserved
Reserved
Reserved
Table 6. Base Boost Corner Frequencies in Double-Speed Mode
TBCF
Fs
LRCK in Single-Speed Mode (DBS=0)
48 kHz
24 kHz
12 kHz
8 kHz
00
2kHz
1kHz
0.5kHz
0.33 kHz
01
4 kHz
2 kHz
1 kHz
0.67 kHz
10
7 kHz
3.5 kHz
1.75 kHz
1.17 kHz
11
Reserved
Reserved
Reserved
Reserved
Table 7. Treble Boost Corner Frequencies in Single-Speed Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com